Electronic Components Datasheet Search
  English  ▼

X  

MP3910 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3910
Description  Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start, and Light Load Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3910 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3910 Datasheet HTML 4Page - Monolithic Power Systems MP3910 Datasheet HTML 5Page - Monolithic Power Systems MP3910 Datasheet HTML 6Page - Monolithic Power Systems MP3910 Datasheet HTML 7Page - Monolithic Power Systems MP3910 Datasheet HTML 8Page - Monolithic Power Systems MP3910 Datasheet HTML 9Page - Monolithic Power Systems MP3910 Datasheet HTML 10Page - Monolithic Power Systems MP3910 Datasheet HTML 11Page - Monolithic Power Systems MP3910 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
MP3910 –PEAK CURRENT MODE BOOST CONTROLLER
MP3910 Rev. 1.11
www.MonolithicPower.com
8
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 48V, VOUT = 12V, FSW=250kHz, TA = 25°C, unless otherwise noted.
80
82
84
86
88
90
92
94
96
98
100
VIN=12V
VIN=20V
60
65
70
75
80
85
90
95
100
00.511.522.5
00.511.5
22.5
00.5
11.5
22.5
-0.10
-0.05
0.00
0.05
0.10
-0.10
-0.05
0.00
0.05
0.10
35 40 45 50 55 60 65 70 75
-60
-40
-20
0
20
40
60
1000
10000
100000
-180
-140
-100
-60
-20
20
60
100
140
180
Load Regulation vs.
Load Current
Line Regulation vs.
Input Voltage
Gain and Phase vs.
Frequency
IOUT=2.5A
Efficiency vs.
Load Current
Flyback
Efficiency vs.
Load Current,
VOUT=24V, FS=300kHz, Boost
LOAD CURRENT(A)
LOAD CURRENT(A)
LOAD CURRENT(A)
INPUT VOLTAGE(V)
FREQUENCY (Hz)
VIN=36V
VIN=48V
VIN=72V
IOUT=0A
IOUT=1A
IOUT=2.5A
VIN=72V
VIN=48V
VIN=36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com