Electronic Components Datasheet Search
  English  ▼

X  

MP3910 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3910
Description  Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start, and Light Load Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3910 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3910 Datasheet HTML 7Page - Monolithic Power Systems MP3910 Datasheet HTML 8Page - Monolithic Power Systems MP3910 Datasheet HTML 9Page - Monolithic Power Systems MP3910 Datasheet HTML 10Page - Monolithic Power Systems MP3910 Datasheet HTML 11Page - Monolithic Power Systems MP3910 Datasheet HTML 12Page - Monolithic Power Systems MP3910 Datasheet HTML 13Page - Monolithic Power Systems MP3910 Datasheet HTML 14Page - Monolithic Power Systems MP3910 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
MP3910 –PEAK CURRENT MODE BOOST CONTROLLER
MP3910 Rev. 1.11
www.MonolithicPower.com
11
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
FUNCTION BLOCK DIAGRAM
EN/SYNC
Regulator
Oscillator and
Slope
Compensation
VIN
VCC
PWM
Logic
Driver
+
-
+
-
PWM
Comparator
GATE
GND
Rsense
SS
COMP
RT
+
-
1.237V
Enable
Control
OCP
+
-
OCP
0.185V
Current Sense
Amplifier
Clock
Gain
EA
R
S
Slope Comp
Burst mode
0.7V
3R
7R
UVLO
+
-
SCP
0.35V
OVP
Restart
OL/OV/SC
Protection
FB
Soft-start
OLP Timer
54 A
1.66 A17.8 A
+
-
0.2V
+
-
3.27V
OLP
Protection
Q
50us
timer
3.65V
MODE
Detection
+
-
1.438V
OVP
3.6V
MODE
R
Error Amplifier
EA Out
OL/OV/SC
Protection
VOUT
VIN
VIN
VOUT
ISENSE
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com