Electronic Components Datasheet Search
  English  ▼

X  

MP3910 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3910
Description  Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start, and Light Load Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3910 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3910 Datasheet HTML 1Page - Monolithic Power Systems MP3910 Datasheet HTML 2Page - Monolithic Power Systems MP3910 Datasheet HTML 3Page - Monolithic Power Systems MP3910 Datasheet HTML 4Page - Monolithic Power Systems MP3910 Datasheet HTML 5Page - Monolithic Power Systems MP3910 Datasheet HTML 6Page - Monolithic Power Systems MP3910 Datasheet HTML 7Page - Monolithic Power Systems MP3910 Datasheet HTML 8Page - Monolithic Power Systems MP3910 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MP3910 –PEAK CURRENT MODE BOOST CONTROLLER
MP3910 Rev. 1.11
www.MonolithicPower.com
5
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
GND
Power ground pin which is gate driver return.
2
RT
Switching frequency set pin. Connect a resistor from this pin to GND to set the
switching frequency (30kHz~400kHz).
3
COMP
Feedback pin for isolated solution. Error amplifier output pin for un-isolated solution.
4
FB
Feedback and OVP monitor pin with respective internal reference voltage for un-
isolated solution. OVP monitor pin for isolated solution. Connected to GND if not used
in isolated solution.
5
EN/SYNC
On/off control Input. Internally connected to GND with 1MΩ resistor. Apply an external
clock higher than RT set frequency to the EN pin can synchronize the switching
frequency.
6
SS
Soft-start pin. Connect one capacitor between this pin and GND to control the duration
of COMP voltage rising. It determines both the soft-start current, and hiccup protection
delay.
7
ISENSE
Current Sense and application mode (isolated/un-isolated) setting pin. At start-up, this
pin will output one current signal and sense the voltage for mode setting detection.
During normal operation, this pin will sense the voltage across sense resistor for
current mode control, as well as cycle-by-cycle current limit, over load and short circuit
protection.
8
VIN
Input supply. Connect a bypass capacitor from this pin to GND
9
VCC
Internal 12V regulator output. Connect a capacitor between this pin to GND to bypass
the internal regulator.
10
GATE
This pin drives the external N-channel power MOSFET device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com