Electronic Components Datasheet Search
  English  ▼

X  

MP3910 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP3910
Description  Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start, and Light Load Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3910 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP3910 Datasheet HTML 15Page - Monolithic Power Systems MP3910 Datasheet HTML 16Page - Monolithic Power Systems MP3910 Datasheet HTML 17Page - Monolithic Power Systems MP3910 Datasheet HTML 18Page - Monolithic Power Systems MP3910 Datasheet HTML 19Page - Monolithic Power Systems MP3910 Datasheet HTML 20Page - Monolithic Power Systems MP3910 Datasheet HTML 21Page - Monolithic Power Systems MP3910 Datasheet HTML 22Page - Monolithic Power Systems MP3910 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
MP3910 –PEAK CURRENT MODE BOOST CONTROLLER
MP3910 Rev. 1.11
www.MonolithicPower.com
19
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Bottom Layer
Figure 3: Boost PCB Layout
C
9
8
7
6
1
2
3
4
5
10
GND
GND
Vin
CIN
COUT
Vout
CSS
RSENSE
DOUT
DSN
T1
U1
U2
CVCC
RT
ROVL
Q1
CIN2
ROVH
RMODE
RFB
DFB
CSN
RSN
Top Layer
Input
GND
Output
GND
Bottom Layer
Figure 4: Fly-back PCB Layout
For flyback topology PCB layout:
1. Keep the input loop as short as possible
between input cap, transformer, MOSFET,
current sense resistor and GND plane for
minimal noise and ringing.
2. Keep the output loop between rectifier diode,
output cap and transformer as short as
possible.
3. The clamp loop circuit between DSN, CSN
and transformer should be as small as
possible
4. The VCC capacitor must be placed close to
the VCC pin for best decoupling.
5. The feedback trace should be far away from
noise source such as drain of power FET.
6. Use single point connection between power
GND and signal GND.
Refer to figure 4 for flyback layout, which is
referenced to schematic on page 1. For more
detail
information,
refer
to
flyback
EVB
datasheet.
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 1: Boost Design Example
VIN
10-20V
VOUT
24V
fSW
300kHz
The detailed application schematic is shown in
Figure 8. And there is another design example
for fly-back application in Figure 6.
Table 2: Fly-back Design Example
VIN
36-72V
VOUT
12V
fSW
250kHz
The typical performance and circuit waveforms
of flyback have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com