Electronic Components Datasheet Search
  English  ▼

X  

MP3910 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3910
Description  Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start, and Light Load Operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3910 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3910 Datasheet HTML 1Page - Monolithic Power Systems MP3910 Datasheet HTML 2Page - Monolithic Power Systems MP3910 Datasheet HTML 3Page - Monolithic Power Systems MP3910 Datasheet HTML 4Page - Monolithic Power Systems MP3910 Datasheet HTML 5Page - Monolithic Power Systems MP3910 Datasheet HTML 6Page - Monolithic Power Systems MP3910 Datasheet HTML 7Page - Monolithic Power Systems MP3910 Datasheet HTML 8Page - Monolithic Power Systems MP3910 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
MP3910
Peak Current Mode
Boost PWM Controller with Programmable Frequency,
External Soft Start, and Light Load Operation
MP3910 Rev. 1.11
www.MonolithicPower.com
1
11/6/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3910 is a Peak Current Mode PWM
controller that can drive an external MOSFET
capable of handling more than 10A current. It
has a typical operational current of 288µA and
can accommodate flyback, boost for non-
isolated and isolated applications.
Current mode control provides inherently simple
loop compensation and cycle-by-cycle current
limit. Under-voltage lockout, soft-start, internal
regulated supply and slope compensation are
all provided to minimize the external component
count.
While designed for Flyback applications, the
MP3910 can also be used for other topologies
including Boost, Forward and Sepic. The 1A
gate driver minimizes the power loss of the
external MOSFET while allowing the use of a
wide variety of standard threshold devices.
Additionally, MP3910 has pulse skipping mode
function that improves the efficiency with light
load or no load. It also provides hiccup
protection for OLP, OVP and SCP condition.
The MP3910 is available in MSOP10 package.
FEATURES
5V to 35V Supply Voltage Range(1)
1A 12V MOSFET Gate Driver
External Soft-Start
Pulse Skipping Operation with Light Load
Programmable
Switching
Frequency
(30kHz-to-400kHz)
Frequency Synchronizable from 80kHz-to-
400kHz
Cycle-by-Cycle Current Limit
Over Voltage Protection
Short Circuit Protection
Over Temperature Protection
Available in an MSOP10 Package
APPLICATIONS
Telecom Isolated Power Supplies
Brick Modules
Off-line Controller
General Step Up Applications
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc..
Notes:
1) Refer to “Operation/Internal VCC Regulation” section for <7V
input voltage application.
TYPICAL APPLICATION
VIN
VCC
RT
GATE
GND
SS
FB
MP3910
EN/SYNC
COMP
9
5
2
6
3
10
1
4
8
ISENSE
7
VIN
VOUT
EN
RFB
DFB
DOUT
CIN
COUT
CVCC
CSS
RT
RSENSE
RMODE
ROVH
ROVL
Q1


Similar Part No. - MP3910

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3910A MPS-MP3910A Datasheet
614Kb / 21P
Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start Light Load Operation, and SOIC8 Package
MP3910A MPS-MP3910A Datasheet
336Kb / 7P
Peak Current Mode PWM Controller Boost EV Board
MP3910AGS MPS-MP3910AGS Datasheet
614Kb / 21P
Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start Light Load Operation, and SOIC8 Package
MP3910GK MPS-MP3910GK Datasheet
449Kb / 9P
Peak Current Mode PWM Controller Flyback EV Board
MP3910GK MPS-MP3910GK Datasheet
371Kb / 8P
Peak Current Mode PWM Controller Boost EV Board
More results

Similar Description - MP3910

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5068 MAXIM-MAX5068 Datasheet
312Kb / 20P
High-Frequency, Current-Mode PWM Controller with Accurate Programmable Oscillator
Rev 1; 7/04
logo
Orister Corporation
RS2051 ORISTER-RS2051 Datasheet
525Kb / 13P
Novel Low Cost Green-Mode PWM Controller with Soft Start & Mode
logo
Texas Instruments
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
Intersil Corporation
ISL9440B INTERSIL-ISL9440B Datasheet
1Mb / 24P
Triple Step-Down PWM and Single Linear Controller with Programmable Soft-Start
June 24, 2010
logo
Texas Instruments
TPS61175 TI-TPS61175_11 Datasheet
690Kb / 24P
3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
Current Mode PWM Controller Low Start-Up and Operating Current
logo
Monolithic Power System...
MP3910A MPS-MP3910A Datasheet
614Kb / 21P
Peak Current Mode Boost PWM Controller with Programmable Frequency, External Soft Start Light Load Operation, and SOIC8 Package
EV3910A-S-00A MPS-EV3910A-S-00A Datasheet
336Kb / 7P
Peak Current Mode PWM Controller Boost EV Board
EV3910-K-00B MPS-EV3910-K-00B Datasheet
371Kb / 8P
Peak Current Mode PWM Controller Boost EV Board
logo
Renesas Technology Corp
ISL9440B RENESAS-ISL9440B Datasheet
2Mb / 25P
Triple Step-Down PWM and Single Linear Controller with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com