Electronic Components Datasheet Search
  English  ▼

X  

MP4050A Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP4050A
Description  Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050A Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP4050A Datasheet HTML 12Page - Monolithic Power Systems MP4050A Datasheet HTML 13Page - Monolithic Power Systems MP4050A Datasheet HTML 14Page - Monolithic Power Systems MP4050A Datasheet HTML 15Page - Monolithic Power Systems MP4050A Datasheet HTML 16Page - Monolithic Power Systems MP4050A Datasheet HTML 17Page - Monolithic Power Systems MP4050A Datasheet HTML 18Page - Monolithic Power Systems MP4050A Datasheet HTML 19Page - Monolithic Power Systems MP4050A Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MP4050A – NON-ISOLATED, HIGH-BRIGHTNESS LED DRIVER, WITH ENHANCED THERMAL FEATURE
MP4050A Rev. 1.01
www.MonolithicPower.com
16
1/14/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Power Factor (PF)
The MP4050A is designed mainly for non-
isolated, space constrained, and cost sensitive
LED driver solutions. The MP4050A is the best
option for the PF>0.5 under 120VAC input
requirement. The input capacitance is reduced
to achieve the highest possible power factor as
PF>0.7 @ 120VAC and PF>0.5 @ 230VAC (if
the output-current regulation is not limited).
Surge
Select the appropriate input capacitance to
obtain good surge performance. With the input
capacitor C2 (4.7µF) and C3 (4.7µF) in Fig. 11,
the board can pass a 1kV differential input line
1.2/50µs surge test (IEC61000-4-5). It is
recommended to increase the input capacitor
value to suppress a surge test above 1kV. As
for the high PF required, applications with lower
input capacitor values give a greater voltage
rise. Typically, a metal oxide varistor (MOV) is
required to pass a surge test above 1kV.
Table 1 shows the input capacitor values
required to pass the differential surge test.
TABLE 1. Recommended Input Capacitance
Surge
Voltage
500V
1kV
1.5kV
2kV
C2
3.3μF
4.7μF
4.7μF
C3
3.3μF
4.7μF
10μF
Shown in
Fig. 9
The board can pass the 2kV differential surge
test by adopting the circuit setup below (see Fig.
9):
1. Add a MOV RV1 (TVR14431).
2. Add a fuse F1 (SS-5-2A).
1mH/0.1A
L1
4.7
400V
C3
4.7
400V
C2
10/1W
FR1
L
N
MB6S
600V/0.5A
BD1
TVR14431
RV1
F1 250V/2A
85~265VAC
FIGURE 9. 2kV Surge Solution
Top Layer
Bottom Layer
Figure 10. Recommended PCB Layout
PCB Layout Guidelines
Efficient PCB layout is critical to achieve
reliable operation, good EMI, and good thermal
performance, especially in very small sized LED
applications. For best results, refer to Fig. 10
and follow the guidelines below:
1. Keep the loop formed between the DRAIN
to SOURCE, inductor, freewheeling diode,
and output capacitor as small as possible
for better EMI.
2. Ensure the AC input is far away from the
switching nodes to minimize the noise
coupling that may bypass the input filter.
3. Place the VCC and PRO capacitors close to
the IC and GND.
4. Place the PRO feedback resistor as close to
PRO as possible and minimize the feedback
sampling loop to minimize the noise
coupling route.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com