Electronic Components Datasheet Search
  English  ▼

X  

MP4050A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4050A
Description  Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4050A Datasheet HTML 1Page - Monolithic Power Systems MP4050A Datasheet HTML 2Page - Monolithic Power Systems MP4050A Datasheet HTML 3Page - Monolithic Power Systems MP4050A Datasheet HTML 4Page - Monolithic Power Systems MP4050A Datasheet HTML 5Page - Monolithic Power Systems MP4050A Datasheet HTML 6Page - Monolithic Power Systems MP4050A Datasheet HTML 7Page - Monolithic Power Systems MP4050A Datasheet HTML 8Page - Monolithic Power Systems MP4050A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MP4050A
Non-Isolated, High-Brightness LED Driver
with Enhanced Thermal Feature
MP4050A Rev. 1.01
www.MonolithicPower.com
1
1/14/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4050A is a constant current LED driver
with an integrated 500V MOSFET. It is
designed specifically for energy efficient and
low-cost LED bulb replacement applications.
The MP4050A is designed to drive high-
brightness LEDs from a universal AC grid input
or DC input. The accurate output LED current
is achieved by an averaging internal current
feedback loop. Constant LED current is
delivered quietly by switching the internal
MOSFET at a frequency regulated above
22kHz.
The MP4050A can be powered directly by the
high input voltage. An internal high-voltage
current source regulates supply voltage without
external circuitry.
Full protections features include integrated
thermal current foldback, VCC under-voltage
lockout (UVLO), open LED protection (OLP),
short-circuit
protection
(SCP),
and
over-
temperature protection (OTP). These features
make the MP4050A an ideal solution for simple,
off-line, and non-isolated LED applications.
FEATURES
 Constant Current LED Driver
 Integrated 500V/8Ω MOSFET
 Low VCC Operating Current
 Maximum Frequency Limit
 Audible Noise Restrain
 Internal High-Voltage Current Source
 Internal 200ns Leading Edge Blanking
 Integrated Thermal Current Foldback
 Thermal Shutdown (Auto Re-Start with
Hysteresis)
 VCC Under-Voltage Lockout with Hysteresis
 Open LED Protection
 Short-Circuit Protection
 Auto-Restart Function
 Available in TSOT23-5/SOIC-8 Packages
APPLICATIONS
 AC/DC or DC/DC LED Driver Application
 General Illumination
 Industrial Lighting
 Automotive/Decorative LED Lighting
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP4050A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4050AGS MPS-MP4050AGS Datasheet
447Kb / 10P
Universal Input, 40V/115mA Off-line Non-isolated LED Driver Evaluation Board
More results

Similar Description - MP4050A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS9441 ETC2-WS9441 Datasheet
404Kb / 9P
Non-isolated BuckOffline LED Driver
WS9445P ETC2-WS9445P Datasheet
843Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Shenzhen Winsemi Microe...
WS9441P WINSEMI-WS9441P Datasheet
825Kb / 9P
Non-isolated BuckOffline LED Driver
WS9441 WINSEMI-WS9441 Datasheet
404Kb / 9P
Non-isolated BuckOffline LED Driver
logo
Monolithic Power System...
MP4050 MPS-MP4050 Datasheet
692Kb / 21P
Non-Isolated, High Brightness, LED Driver
logo
Shenzhen SI Semiconduct...
SIC9521 SISEMIC-SIC9521 Datasheet
386Kb / 7P
High Precision Non-Isolated BUCK LED Driver
SIC9552A SISEMIC-SIC9552A Datasheet
583Kb / 9P
High Precision Non-Isolated Buck LED Driver
logo
Princeton Technology Co...
RS2320 PTC-RS2320 Datasheet
357Kb / 4P
High Accurate Non-Isolated Buck LED Driver
RS2321 PTC-RS2321 Datasheet
348Kb / 4P
High PF Non-Isolated LED Driver
RS2321A PTC-RS2321A Datasheet
341Kb / 4P
High PF Non-Isolated LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com