Electronic Components Datasheet Search
  English  ▼

X  

MP4050A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4050A
Description  Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4050A Datasheet HTML 8Page - Monolithic Power Systems MP4050A Datasheet HTML 9Page - Monolithic Power Systems MP4050A Datasheet HTML 10Page - Monolithic Power Systems MP4050A Datasheet HTML 11Page - Monolithic Power Systems MP4050A Datasheet HTML 12Page - Monolithic Power Systems MP4050A Datasheet HTML 13Page - Monolithic Power Systems MP4050A Datasheet HTML 14Page - Monolithic Power Systems MP4050A Datasheet HTML 15Page - Monolithic Power Systems MP4050A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MP4050A – NON-ISOLATED, HIGH-BRIGHTNESS LED DRIVER, WITH ENHANCED THERMAL FEATURE
MP4050A Rev. 1.01
www.MonolithicPower.com
12
1/14/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP4050A is a non-isolated, cost-effective,
high-efficiency converter designed to drive high-
brightness LEDs from a universal AC grid input
or DC input. As shown in the typical application
diagram (see Fig. 1), the regulator is designed
to operate with a minimum number of external
components.
Start-Up and Under-Voltage Lockout (UVLO)
Initially, the chip is self-supplied by the internal
high-voltage VCC regulator (which is drawn
from DRAIN). The IC starts switching and the
internal high-voltage regulator turns off as soon
as the VCC reaches VCCOFF. When VCC drops
below
VCCON,
the
internal
high-voltage
regulator turns on again to charge the external
VCC capacitor. Finally, VCC is regulated at
VCCNOR for normal operation.
A small capacitor with several μF capacitances
is enough to hold on to the VCC supply voltage.
Also, a smaller capacitor reduces component
cost. When VCC drops below VCCSTOP, the IC
stops working and the internal high-voltage
regulator re-charges the VCC capacitor.
When fault conditions occur (such as open LED
protection or over-temperature protection), the
MP4050A stops working, and an 18µA internal
sink current source discharges the VCC capacitor.
After VCC drops below VCCPRO, the internal high-
voltage regulator recharges the VCC capacitor
again. The re-start time can be calculated by the
following equation,
NOR
PRO
OFF
PRO
RESTART
VCC
VCC
VCC
VCC
VCC
VCC
tC
C
18 A
5mA


Fig. 2 shows the typical waveforms with VCC
under-voltage lockout.
FIGURE 2. VCC Under-Voltage Lockout (UVLO)
Constant-Current Operation
The MP4050A is a fully integrated regulator.
The internal feedback logic responds to the
internal sample and hold circuit to achieve
constant output-current regulation. The voltage
of the internal sampling capacitor (VFB) is
compared to the internal reference (VREF) when
the sampling capacitor voltage (VFB) falls below
the reference voltage (which indicates an
insufficient output current). Then the integrated
MOSFET is turned on. The on period is
determined by the peak current limit. After the
on period elapses, the integrated MOSFET is
turned off (see Fig. 3).
FIGURE 3. VFB vs. IOUT
Thus, by monitoring the internal sampling
capacitor voltage, the output current can be
regulated. The output current is determined by
the following equation:
REF
OUT
S
V
I
R
The peak inductor current at normal operation
can be obtained with the following equation:
LIMIT
PK
S
V
I
R
Where RS is the sensing resistance connected
from SOURCE to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com