Electronic Components Datasheet Search
  English  ▼

X  

MP4050A Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP4050A
Description  Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050A Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP4050A Datasheet HTML 3Page - Monolithic Power Systems MP4050A Datasheet HTML 4Page - Monolithic Power Systems MP4050A Datasheet HTML 5Page - Monolithic Power Systems MP4050A Datasheet HTML 6Page - Monolithic Power Systems MP4050A Datasheet HTML 7Page - Monolithic Power Systems MP4050A Datasheet HTML 8Page - Monolithic Power Systems MP4050A Datasheet HTML 9Page - Monolithic Power Systems MP4050A Datasheet HTML 10Page - Monolithic Power Systems MP4050A Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MP4050A – NON-ISOLATED, HIGH-BRIGHTNESS LED DRIVER, WITH ENHANCED THERMAL FEATURE
MP4050A Rev. 1.01
www.MonolithicPower.com
7
1/14/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
Minimum Off Time vs.
Junction Temperature
Maximum On Time vs.
Junction Temperature
Peak Current Limit vs.
Junction Temperature
On-State Resistance vs.
Junction Temperature
Over-Voltage Protection
Reference vs. Junction
Temperature
1.96
1.98
2.00
2.02
2.04
2.06
-50 -25 0 25 50 75 100 125 150
-50 -25 0 25 50 75 100 125 150
-50 -25 0 25 50 75 100 125 150
4.0
4.2
4.4
4.6
4.8
5.0
5.2
23
24
25
26
27
28
4
6
8
10
12
14
16
-50 -25 0 25 50 75 100 125 150
-50 -25 0 25 50 75 100 125 150
VCC=5V
VCC=VCCSTOP+50mV
0.43
0.44
0.45
0.46
0.47
0.48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com