Electronic Components Datasheet Search
  English  ▼

X  

MP4050A Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4050A
Description  Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050A Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4050A Datasheet HTML 1Page - Monolithic Power Systems MP4050A Datasheet HTML 2Page - Monolithic Power Systems MP4050A Datasheet HTML 3Page - Monolithic Power Systems MP4050A Datasheet HTML 4Page - Monolithic Power Systems MP4050A Datasheet HTML 5Page - Monolithic Power Systems MP4050A Datasheet HTML 6Page - Monolithic Power Systems MP4050A Datasheet HTML 7Page - Monolithic Power Systems MP4050A Datasheet HTML 8Page - Monolithic Power Systems MP4050A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MP4050A – NON-ISOLATED, HIGH-BRIGHTNESS LED DRIVER, WITH ENHANCED THERMAL FEATURE
MP4050A Rev. 1.01
www.MonolithicPower.com
3
1/14/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
VCC
PRO
GND
1
2
3
5
4
DRAIN
SOURCE
VCC
PRO
GND
SOURCE
N.C
DRAIN
N.C
N.C
1
2
3
4
8
7
6
5
TOP VIEW
TSOT23-5
SOIC-8
ABSOLUTE MAXIMUM RATINGS (1)
DRAIN to SOURCE ......................-0.3V to 500V
VCC, SOURCE to GND .................-0.3V to 6.5V
PRO to GND ..................................-0.7V to 6.5V
Source Current on PRO ............................. 4mA
Continuous Power Dissipation
(TA = +25°C)
(2)
TSOT23-5 ................................................ 1.25W
SOIC-8....................................................... 1.3W
Lead Temperature ....................................260
C
Storage Temperature............... -60
C to +150C
ESD Capability Human Body Mode .......... 2.0kV
CDM ESD Capability................................. 2.0kV
Recommended Operating Conditions (3)
Supply Voltage VCC Range............4.1V to 5.0V
Thermal Resistance (4)
θJA
θJC
TSOT23-5.............................. 100 ..... 55...
C/W
SOIC-8.................................... 96 ...... 45...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com