Electronic Components Datasheet Search
  English  ▼

X  

MP4050A Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4050A
Description  Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050A Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4050A Datasheet HTML 1Page - Monolithic Power Systems MP4050A Datasheet HTML 2Page - Monolithic Power Systems MP4050A Datasheet HTML 3Page - Monolithic Power Systems MP4050A Datasheet HTML 4Page - Monolithic Power Systems MP4050A Datasheet HTML 5Page - Monolithic Power Systems MP4050A Datasheet HTML 6Page - Monolithic Power Systems MP4050A Datasheet HTML 7Page - Monolithic Power Systems MP4050A Datasheet HTML 8Page - Monolithic Power Systems MP4050A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MP4050A – NON-ISOLATED, HIGH-BRIGHTNESS LED DRIVER, WITH ENHANCED THERMAL FEATURE
MP4050A Rev. 1.01
www.MonolithicPower.com
4
1/14/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
Typical values are VCC =5V, TJ = 25C, unless otherwise noted.
Minimum and maximum values are at VCC =5V, TJ = -40C to +125C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Start-Up Current Source (DRAIN)
Internal Regulator Supply Current
IREGULATOR
VCC=0V, VDRAIN=100V
3.8
5
6.1
mA
Leakage Current from DRAIN
ID_LKG
VCC=6V, VDRAIN=500V
14
22
μA
Supply Voltage Management (VCC)
VCC Increasing Level: Internal
Regulator Stops & IC Starts Working
VCCOFF
VCC Rising Edge
4.00
4.35
4.70
V
VCC Normal Level
VCCNOR
Normal Operation
4.25
V
VCC Decreasing Level: Internal
Regulator Turn-On
VCCON
VCC Falling Edge
3.85
4.15
4.50
V
VCC Hysteresis: Regulator On/Off
VCCOFF-ON
0.11
0.20
0.28
V
VCC Decreasing Level: IC Stops
VCCSTOP
VCC Falling Edge
3
3.4
3.8
V
VCC Hysteresis: Regulator Off & IC
Stops Working
VCCOFF-STOP
0.93
1.25
1.6
V
VCC Decreasing Level: Protection
Phase Ends
VCCPRO
VCC Falling Edge
1.9
2.35
2.8
V
Internal IC Consumption
ICC
VCC=4.3V, fSW=33kHz,
Duty=84%
350
425
μA
Internal IC Consumption at Latch-Off
Phase
ICC_LATCH
18
32
μA
Internal MOSFET (DRAIN to SOURCE)
Breakdown Voltage
VBRDSS
ID=80μA
500
V
ID=10mA, TJ=25°C
8
12
Ω
DRAIN SOURCE On-State Resistance
RDS(ON)
VCC=VCCSTOP + 50mV,
ID=10mA, TJ=25°C
8
12
Ω
Current Sampling Management (SOURCE)
Peak Current Limit at Normal
Operation
VLIMIT
0.4
0.46
0.52
V
Leading Edge Blanking
tLEB
130
200
310
ns
Feedback Threshold: Turn-On High-
Side MOSFET
VREF
Regulate the Average
Current
0.187 0.196 0.205
V
tOFF_MIN
Normal Operation
3.4
4.7
6.2
μs
The 1
st 32 Switching
Cycles at Start-Up
tOFF_MIN
×3.5
μs
The 2
nd 32 Switching
Cycles at Start-Up
tOFF_MIN
×2
μs
Minimum Off-Time Limitation
tOFF_MIN_ST
The 3
rd 32 Switching
Cycles at Start-Up
tOFF_MIN
×1.2
μs
Maximum On-Time Limitation
tON_MAX
16
25
37
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com