Electronic Components Datasheet Search
  English  ▼

X  

MP4050A Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4050A
Description  Non-Isolated, High-Brightness LED Driver with Enhanced Thermal Feature
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050A Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4050A Datasheet HTML 6Page - Monolithic Power Systems MP4050A Datasheet HTML 7Page - Monolithic Power Systems MP4050A Datasheet HTML 8Page - Monolithic Power Systems MP4050A Datasheet HTML 9Page - Monolithic Power Systems MP4050A Datasheet HTML 10Page - Monolithic Power Systems MP4050A Datasheet HTML 11Page - Monolithic Power Systems MP4050A Datasheet HTML 12Page - Monolithic Power Systems MP4050A Datasheet HTML 13Page - Monolithic Power Systems MP4050A Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
MP4050A – NON-ISOLATED, HIGH-BRIGHTNESS LED DRIVER, WITH ENHANCED THERMAL FEATURE
MP4050A Rev. 1.01
www.MonolithicPower.com
10
1/14/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
TSOT23-5
SOIC-8
Name
Description
1
1
VCC
Power Supply. Supply power for the control signals and the high-current
MOSFET. Bypass to ground with an external bulk capacitor.
2
2
PRO
Open LED Detection Input. During the turn-off interval, if PRO voltage is
higher than VOVP, the over-voltage protection is triggered.
3
3
GND
Ground. The reference ground for the control signal and the gate drive
signal.
4
4
SOURCE
Source of Internal Power MOSFET & Feedback Input. Connect current-
sensing resistor from SOURCE to GND to set the LED current.
5
7
DRAIN
Drain of Internal Power MOSFET & Integrated HV Current Source Input.
--
5, 6, 8
NC
No Connection. Do Not Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com