Electronic Components Datasheet Search
  English  ▼

X  

MP5512 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP5512
Description  18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5512 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP5512 Datasheet HTML 13Page - Monolithic Power Systems MP5512 Datasheet HTML 14Page - Monolithic Power Systems MP5512 Datasheet HTML 15Page - Monolithic Power Systems MP5512 Datasheet HTML 16Page - Monolithic Power Systems MP5512 Datasheet HTML 17Page - Monolithic Power Systems MP5512 Datasheet HTML 18Page - Monolithic Power Systems MP5512 Datasheet HTML 19Page - Monolithic Power Systems MP5512 Datasheet HTML 20Page - Monolithic Power Systems MP5512 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MP5512 – 18V, 4.5A ENERGY STORAGE AND MANAGEMENT UNIT
MP5512 Rev. 1.1
www.MonolithicPower.com
17
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Storage Voltage
Set the storage voltage by choosing the
external feedback resistors R5 and R6 (see
Figure 5)..
Figure 5: Storage Feedback Circuit
The storage voltage is determined by:
STORAGE
FBS REF
R5
V(1
) V
R6

Where, VFBS-REF is 0.8V typically. R5 and R6 are
not critical for normal operation. Select an R6
resistor higher than 10kΩ to reduce the bleed
current and lower than 50kΩ to enhance noise
immunity. For example, if R6 is 10kΩ, R5 is
calculated as:
REF
FBS
REF
FBS
STORAGE
V
V
V
k
R
)
(
10
5
For a 24V storage voltage, R5 is 290kΩ.
Table 1 lists the recommended feedback
resistance for different storage voltages.
Table 1: Resistor Pairs for VSTORAGE
VSTORAGE(V)
R5 (kΩ)
R6 (kΩ)
12
140
10
24
290
10
40
490
10
Setting VIN Power-Failure Threshold Voltage
and VB Release-Regulation Voltage
Set the release-trigger voltage by choosing the
external feedback resistors R1 and R2 (see
Figure 6). Release-trigger voltage is determined
by 0.99xVDET-REF, which is 0.792V.
The input power-failure release threshold is:
V
R
R
V
PFI
792
.
0
)
2
1
1
(
R1
R2
VIN
DET
C1
Figure 6: Release-Feedback Circuit
VDET determines the release-trigger voltage and
VFBB determines VB release-regulation voltage
(see Figure 7).
R3
R4
VB
FBB
C2
Figure 7: VB Regulation Feedback Circuit
The bus-regulation voltage can be calculated by:
)
2
(
)
4
3
1
(
RAMP
REF
FBB
RLS
V
V
R
R
VB
Where,
VRAMP
is
buck
FBB
internal
compensation ramp voltage, and can be
estimated as:
)
220
10
)
1
(
6
SW
STRG
RAMP
F
D
D
V
V
Where, VFBS-REF is 0.8V typically. D is the buck
duty cycle, and FSW is the switching frequency.
R3 and R4 are related to buck-release stability.
Since the release-buck mode works in COT
mode, try to avoid small resistor values that
affect the internal voltage ramp. Generally,
choose R3//R4≥10kΩ for stable performance
with CB=22μF.
Selecting the Storage Capacitor
The storage capacitor stores energy during
normal operation and releases this energy to
VB when VIN loses input power. Use a general-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com