Electronic Components Datasheet Search
  English  ▼

X  

MP5512 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5512
Description  18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5512 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5512 Datasheet HTML 1Page - Monolithic Power Systems MP5512 Datasheet HTML 2Page - Monolithic Power Systems MP5512 Datasheet HTML 3Page - Monolithic Power Systems MP5512 Datasheet HTML 4Page - Monolithic Power Systems MP5512 Datasheet HTML 5Page - Monolithic Power Systems MP5512 Datasheet HTML 6Page - Monolithic Power Systems MP5512 Datasheet HTML 7Page - Monolithic Power Systems MP5512 Datasheet HTML 8Page - Monolithic Power Systems MP5512 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MP5512 – 18V, 4.5A ENERGY STORAGE AND MANAGEMENT UNIT
MP5512 Rev. 1.1
www.MonolithicPower.com
4
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = VENCH = 2V, TJ = -40°C to 125°C, typical value is tested at TJ = 25°C, unless
otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input-Supply Voltage Range
VIN
4
18
V
Supply Current (Shutdown)
IS
VEN=0V, TJ = 25°C
3
5
μA
Supply Current (Quiescent)
IQ
VEN/ENCH=2V, VFBB/FBS/DET=1V
1
2
mA
VCC Regulator
VCC
Vin or VB=6V, Ivcc=1mA
4.8
5.1
5.5
V
VIN Under-Voltage Lockout
Threshold Rising
INUVR
2.5
2.9
3.2
V
VIN Under-Voltage Lockout
Threshold Hysteresis
INUVHYS
0.35
V
EN UVLO Threshold Rising
ENR
1.2
V
EN UVLO Threshold Falling
ENF
0.4
V
VIN to VB Current Limit FET
ON Resistance
RDSON
14
mΩ
RILIM=8.25kΩ, TJ = 25°C
1.94
2
2.06
A
Continuous-Current Limit
ILIM
RILIM=8.25kΩ,TJ = -40°C to
125°C
1.9
2
2.1
A
Current Monitor Output
VILIM
RILIM=8.25kΩ, IB=2A, TJ = 25°C
1.152
1.2
1.248
V
Off-State Leakage Current
ILEAK
VIN=12V, VB=0V or
VB=12V, VIN=0V, TJ = 25°C
2
4
μA
τR
DVDT floating, VIN=12V, test
VB rise time
0.9
ms
VB Rise Time (dv/dt)
Control
(6)
IDVDT
Connect capacitor to DVDT,
test DVDT charge current
1
μA
τD
TPOR floating, test reset delay
time
0.35
ms
Internal RESET Delay-Time
Control
(6)
ITPOR
Connect capacitor to TPOR,
test TPOR charge current
1
μA
Pre-Charge Current
ICH_PRE
450
mA
Charge Peak Current @
Boost Mode
ICH
ICH floating, L=10μH,
TJ = 25°C
670
960
1250
mA
Boost-Disconnect Switch Ron
Rdison
30
mΩ
Energy Management HS Ron
RHon
140
mΩ
Energy Management LS Ron
RLon
110
mΩ
TJ = 25°C
0.792
0.8
0.808
V
Feedback Voltage
VFBB-REF,
VFBS-REF,
VDET-REF TJ = -40°C to 125°C
0.784
0.8
0.816
V
Feedback Current
IFBB, IFBS,
IDET
VFBB=VFBS=VDET=0.8V
10
50
nA
Vs Over-Voltage Threshold
VS-OVP
1.1
VFBS-REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com