Electronic Components Datasheet Search
  English  ▼

X  

MP5512 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5512
Description  18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5512 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5512 Datasheet HTML 7Page - Monolithic Power Systems MP5512 Datasheet HTML 8Page - Monolithic Power Systems MP5512 Datasheet HTML 9Page - Monolithic Power Systems MP5512 Datasheet HTML 10Page - Monolithic Power Systems MP5512 Datasheet HTML 11Page - Monolithic Power Systems MP5512 Datasheet HTML 12Page - Monolithic Power Systems MP5512 Datasheet HTML 13Page - Monolithic Power Systems MP5512 Datasheet HTML 14Page - Monolithic Power Systems MP5512 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
MP5512 – 18V, 4.5A ENERGY STORAGE AND MANAGEMENT UNIT
MP5512 Rev. 1.1
www.MonolithicPower.com
11
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
QFN28
(4mm×5mm)
Pin #
Name
Description
17
FBB
Bus-Voltage Feedback Sense. FBB Regulates the bus voltage in buck mode.
18
FBS
Storage-Voltage Feedback Sense. FBS sets the storage voltage in boost mode.
19
RTEST
STRG residual energy discharge resistor connection pin in evaluation test. When
Vin/VB or EN powers off, RTEST is pulled to PGND internally. One external resistor
from RTEST to STRG discharges STRG voltage for a residual energy discharge.
The discharge current must be lower than 500mA. This discharge resistor can avoid
any spark if we touch STRG after IC disabled in evaluation test.
20
BST
Bootstrap. Requires the bootstrap capacitor from BST to SW to supply the high-side
switch driver.
21,22,23,24
STRG
Storage. Connect the storage capacitor for energy storage and release circuitry.
25
SW
Switch output. For energy storage and release circuitry, connect a small inductor
between SW and VBO.
26
PGND
Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com