Electronic Components Datasheet Search
  English  ▼

X  

MP5512 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP5512
Description  18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5512 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP5512 Datasheet HTML 4Page - Monolithic Power Systems MP5512 Datasheet HTML 5Page - Monolithic Power Systems MP5512 Datasheet HTML 6Page - Monolithic Power Systems MP5512 Datasheet HTML 7Page - Monolithic Power Systems MP5512 Datasheet HTML 8Page - Monolithic Power Systems MP5512 Datasheet HTML 9Page - Monolithic Power Systems MP5512 Datasheet HTML 10Page - Monolithic Power Systems MP5512 Datasheet HTML 11Page - Monolithic Power Systems MP5512 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MP5512 – 18V, 4.5A ENERGY STORAGE AND MANAGEMENT UNIT
MP5512 Rev. 1.1
www.MonolithicPower.com
8
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VSTRG = 35V, VPFI = 6.1V, VRLS = 7.8V
(9), L = 10µH, TA = 25ºC, POUT = 20W, unless
otherwise noted.
0
30
60
90
120
150
180
0
500
1000 1500 2000 2500
01
23
45
10
15
20
25
30
35
40
45
0
0.1
0.2
0.3
0.4
0.5
0.6
Backup-Release Efficiency
VB_RLS=5V
Storage-Charge Voltage
vs. Charge Time
RICH=Float
CHARGE TIME (s)
10
15
20
25
30
35
40
45
CHARGE TIME (s)
Release Time
vs. Storage Capacitance
IB_load=1A
IB_load=3A
STORAGE VOLTAGE (V)
70
75
80
85
90
95
100
5
10152025303540
IB=1A
IB=2A
IB=3A
Backup-Release Efficiency
VB_RLS=7.8V
STORAGE VOLTAGE (V)
70
75
80
85
90
95
100
5
10152025303540
IB=1A
IB=2A
IB=3A
Backup-Release Efficiency
VB_RLS=10V
STORAGE VOLTAGE (V)
70
75
80
85
90
95
100
5
10152025303540
IB=1A
IB=2A
IB=3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com