Electronic Components Datasheet Search
  English  ▼

X  

MP5512 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5512
Description  18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5512 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5512 Datasheet HTML 2Page - Monolithic Power Systems MP5512 Datasheet HTML 3Page - Monolithic Power Systems MP5512 Datasheet HTML 4Page - Monolithic Power Systems MP5512 Datasheet HTML 5Page - Monolithic Power Systems MP5512 Datasheet HTML 6Page - Monolithic Power Systems MP5512 Datasheet HTML 7Page - Monolithic Power Systems MP5512 Datasheet HTML 8Page - Monolithic Power Systems MP5512 Datasheet HTML 9Page - Monolithic Power Systems MP5512 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MP5512 – 18V, 4.5A ENERGY STORAGE AND MANAGEMENT UNIT
MP5512 Rev. 1.1
www.MonolithicPower.com
6
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, VSTRG = 35V, VPFI = 6.1V, VRLS = 7.8V
(9), L = 10µH, POUT = 20W, TA = 25ºC, unless
otherwise noted.
INPUT VOLTAGE (V)
Disabled Supply Current
vs. Input Voltage
Vin UVLO Threshold vs.
Temperature
Switching Frequency vs.
Temperature
VSTRG=24V
Reference Voltage vs.
Temperature
EN UVLO Threshold vs.
Temperature
TPOR Charge Current
vs. Temperature
Buck-Current Limit vs.
Temperature
DVDT Charge Current
vs. Temperature
INPUT VOLTAGE (V)
Quiescent Current vs.
Input Voltage
0.0
0.4
0.8
1.2
1.6
2.0
2
4
6
8 10 12 14 16 18 20
0.0
1.0
2.0
3.0
4.0
5.0
2
4
6
8 10 12 14 16 18 20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50 -25 0 255075 100125150
VIN UVLO Rising
VIN UVLO Falling
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-50 -25 0 25 50 75 100 125 150
EN UVLO Rising
EN UVLO Falling
0
100
200
300
400
500
600
700
-50 -25 0 25 50 75 100 125 150
740
760
780
800
820
840
860
-50 -25 0 25 50 75 100 125 150
0.0
0.5
1.0
1.5
2.0
-50 -25 0 25 50 75 100 125 150
0.0
0.5
1.0
1.5
2.0
-50 -25 0 25 50 75 100 125 150
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-50 -25 0 25 50 75 100 125 150
Peak Curretn Limit
Valley Current Limit
FB B
FB S
DET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com