Electronic Components Datasheet Search
  English  ▼

X  

MP5512 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5512
Description  18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5512 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5512 Datasheet HTML 6Page - Monolithic Power Systems MP5512 Datasheet HTML 7Page - Monolithic Power Systems MP5512 Datasheet HTML 8Page - Monolithic Power Systems MP5512 Datasheet HTML 9Page - Monolithic Power Systems MP5512 Datasheet HTML 10Page - Monolithic Power Systems MP5512 Datasheet HTML 11Page - Monolithic Power Systems MP5512 Datasheet HTML 12Page - Monolithic Power Systems MP5512 Datasheet HTML 13Page - Monolithic Power Systems MP5512 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MP5512 – 18V, 4.5A ENERGY STORAGE AND MANAGEMENT UNIT
MP5512 Rev. 1.1
www.MonolithicPower.com
10
4/27/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN28
(4mm×5mm)
Pin #
Name
Description
1
CST
Storage Capacitor for Internal Charge Pump. Requires 10nF decouple capacitor
between CST and AGND to drive the MOSFET current limit. Do not connect to a
capacitor with over 47nF.
2
VCC
Internal LDO Output. VCC provides power for internal circuits. Decouple with a 1µF
ceramic capacitor. Connect the capacitor as close to VCC as possible.
3
ILIM
DC Input Current Limit. Connect a resistor between ILIM and AGND to adjust the
DC limit from VIN to VB.
4
TPOR
Power-On-Reset Delay. Connect a capacitor between TPOR and AGND to
determine the power-on-reset delay time. During the default power-on-reset delay
time, leave TPOR floating for 0.35ms.
5
DVDT
Bus Voltage Start-Up Slew Rate. Connect a capacitor from DVDT to AGND. Leave it
floating for the default soft-start time (around 0.9ms from 0V to 12V).
6
PFI
Power-Failure Indicator. PFI is an open-drain output. To indicate a signal, PFI
should be pulled up to a power source through a resistor. PFI goes high if the DET
voltage exceeds 1.02×VDET-REF. PFI goes low if the DET voltage drops below
0.99×VDET-REF. If MP5512 is disabled by UVLO or EN UVLO, it operates with high
impedance.
7
WARN
VIN Voltage-Drop Warning Indicator. WARN is an open-drain output. To indicate a
signal, WARN should be pulled up to a power source through a resistor. WARN
goes high if the DET voltage exceeds 1.08×VDET-REF. WARN goes low if the DET
voltage drops below 1.06×VDET-REF. WARN indicates the input power distance to the
set supply-voltage level. If MP5512 is disabled by UVLO or EN UVLO, it operates
with high impedance.
8
PGB
Bus Voltage Power-Good Indicator. PGB is an open-drain output. To indicate a
signal, PGB should be pulled up to a power source through a resistor. PGB goes
high if the FBB voltage exceeds 0.95×VFBB-REF. PGB goes low if the FBB voltage
drops below 0.9×VFBB-REF. If MP5512 is disabled by UVLO or EN UVLO, it operates
with high impedance.
9
AGND
IC Signal Ground.
10
DET
Input-Voltage Detection Sense. DET sets the buck-release start voltage when VIN
drops.
11, 28
VIN
Input-Supply Voltage. The MP5512 operates from an unregulated 4V-to-18V input.
Place a 0.1µF ceramic capacitor as close to VIN as possible. A TVS diode at input is
necessary if the VIN voltage spike is high. Refer to the “Selecting Input Capacitor
and TVS” sections.
12, 27
VB
Bus Voltage. VB requires a 22μF-to-47μF ceramic capacitor as close to VB as
possible.
13
EN
ON/OFF Control. EN enables/disables all internal circuits.
14
VBO
Source of Internal Isolation MOSFET. Connect the inductor between SW and VBO
for boost and buck operation.
15
ENCH
Boost Converter ON/OFF Control. ENCH enables/disables the energy-storage
function but does not limit the release function.
16
ICH
Boost-Mode Charge Switching-Peak Current Adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com