Electronic Components Datasheet Search
  English  ▼

X  

MP5600EU Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5600EU
Description  Compact Multiple-Output Power Supply for TV-LCD panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5600EU Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5600EU Datasheet HTML 1Page - Monolithic Power Systems MP5600EU Datasheet HTML 2Page - Monolithic Power Systems MP5600EU Datasheet HTML 3Page - Monolithic Power Systems MP5600EU Datasheet HTML 4Page - Monolithic Power Systems MP5600EU Datasheet HTML 5Page - Monolithic Power Systems MP5600EU Datasheet HTML 6Page - Monolithic Power Systems MP5600EU Datasheet HTML 7Page - Monolithic Power Systems MP5600EU Datasheet HTML 8Page - Monolithic Power Systems MP5600EU Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MP5600-COMPACT MULTIPLE-OUTPUT POWER SUPPLY FOR TV-LCD PANEL
MP5600 Rev. 0.9
www.MonolithicPower.com
3
10/19/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ORDERING INFORMATION
* For Tape & Reel, add suffix –Z (e.g. MP5600EU–Z).
For RoHS compliant packaging, add suffix –LF (e.g. MP5600EU–LF–Z)
PACKAGE REFERENCE
Not affect IC operation if all N.C pin is connected to ground
on the PCB.
ABSOLUTE MAXIMUM RATINGS
(1)
IN1, IN2, IN3, EN1, EN2, FSEL, PG to AGND
................................................-0.3V to +24V
GND1, GND2, PGND to AGND ................ ±0.3V
VBK, MODE, GPI, GPT, DLY1, DLY2, DLY3,
DLY4, VCC to AGND
-0.3V to +7.0V
REF, FBP, FBN, FBBK, FBBT, COMP to AGND
-0.3V to (VCC + 0.3V)
SWI, SWO to AGND .....................-0.3V to +24V
SWBT to PGND ............................-0.3V to +24V
SWI to SWO .................................-0.3V to +24V
NDRV to GND2, PDRV to GND1........................
................................. -0.3V to (VSWI + 0.3V)
SWBK to AGND ................. -0.3V to (VIN+ 0.3V)
BST to SWBK ..............................-0.3V to +6.5V
GPH to AGND...............................-0.3V to +45V
GPO, GPD to AGND..... -0.3V to (VGPH + 0.3V)
GPO to GPD .................................-0.3V to +45V
Continuous Power Dissipation (TA = +25°C) (2)
………………………………………………....3.4W
Junction Temperature...............................150
°C
Lead Temperature ................................... 260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions (2)
Supply Voltage VIN ..............................9V to 18V
Operating Temperature............. –20
°C to +85°C
Thermal Resistance (3)
θJA
θJC
5x5 TQFN40 ...........................36 ....... 8 ....
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.
Part Number*
Package
Top Marking
Temperature
MP5600EU
5mm×5mm Thin QFN
5600EUT
–20
°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com