Electronic Components Datasheet Search
  English  ▼

X  

MP5600EU Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5600EU
Description  Compact Multiple-Output Power Supply for TV-LCD panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5600EU Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5600EU Datasheet HTML 1Page - Monolithic Power Systems MP5600EU Datasheet HTML 2Page - Monolithic Power Systems MP5600EU Datasheet HTML 3Page - Monolithic Power Systems MP5600EU Datasheet HTML 4Page - Monolithic Power Systems MP5600EU Datasheet HTML 5Page - Monolithic Power Systems MP5600EU Datasheet HTML 6Page - Monolithic Power Systems MP5600EU Datasheet HTML 7Page - Monolithic Power Systems MP5600EU Datasheet HTML 8Page - Monolithic Power Systems MP5600EU Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
MP5600-COMPACT MULTIPLE-OUTPUT POWER SUPPLY FOR TV-LCD PANEL
MP5600 Rev. 0.9
www.MonolithicPower.com
5
10/19/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN=12V, VOBUCK=3.3V VOBOOST=16V, TA=25°C unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
BOOST REGULATOR SWITCH
SWI Supply Range
VSWI
9
20
V
SWI-SWO Switch Resistance
RDS-SW
Fully turn on
100
mΩ
SWI-SWO Current Limit
ILIMIT-SW
SWI to SWO=11V
280
mA
BUCK REGULATOR
Fixed
Mode
OUT
Supply
Voltage
FBBK=GND, no load
3.25
3.3
3.35
V
FBBK
Adjustable-Mode
Threshold
Dual mode comparator
0.2
V
FBBK Regulation Voltage in
Adjustable-Mode
VFBBK
Adjustable-Mode, VOUT=3.3V, no
load
1.214
1.227
1.241
V
FBBK Fault Trip Level
VFBBK-L
Falling edge
0.85
0.9
0.95
V
FBBK Output Bias Current
IFB
VFBBK=1.2V
1
100
nA
SWBK to IN On-Resistance
RHDS-BK
ILOAD = 500mA
60
120
mΩ
SWBK to GND On-Resistance
RLDS-BK
ILOAD = 500mA
15
Ω
BST to SWBK Regulation
Voltage
VIN=12V, VOUT=3.3V, ILOAD=1A
5
V
SWBK Leakage Current
ILKG-BK
VIN=20V, VSWBK= 0V
0.1
5
µA
SWBK Current Limit
ILIMIT-BK
5
A
Current-Sense
Trans-
resistance
0.10
0.16
0.26
Ω
Low-Frequency
Operation
Output Ratio
Buck, Vout falling edge
50
%
FSEL=GND
28
Low-Frequency
Operation
Switching Frequency
fSW-L
FSEL=IN
42
kHz
Soft-Start Time
tSS-BK
FSEL=GND
1
ms
POWER-GOOD BLOCK
FBBK Power Good Threshold
VTH-PG
FBBK rising
0.85
0.9
0.95
V
FBBK Threshold Hysetersis
100
mV
PG to AGND Resistance
RDS-PG
IPG=1mA
900
Ω
PG Leakage Current
ILKG-PG
VPG=3.3V
0.1
1
µA
NEGATIVE CHARGE PUMP CONTROLLER
External
Load
Driving
Capability
120
mA
FBN Regulation Voltage
VFBN
0.19
0.2
0.21
V
FBN output Bias Current
ILKG-N
VFBN = 0.2V
10
100
nA
FBN Fault Trip Level
VFBN-L
Rising edge
0.3
0.4
0.5
V
High-Side
Driver
On
Resistance
RHDS-N
ILOAD=20mA
5
8
Ω
Low-Side Driver Sink Current
ISINK-L
1.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com