Electronic Components Datasheet Search
  English  ▼

X  

MP5600EU Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5600EU
Description  Compact Multiple-Output Power Supply for TV-LCD panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5600EU Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5600EU Datasheet HTML 9Page - Monolithic Power Systems MP5600EU Datasheet HTML 10Page - Monolithic Power Systems MP5600EU Datasheet HTML 11Page - Monolithic Power Systems MP5600EU Datasheet HTML 12Page - Monolithic Power Systems MP5600EU Datasheet HTML 13Page - Monolithic Power Systems MP5600EU Datasheet HTML 14Page - Monolithic Power Systems MP5600EU Datasheet HTML 15Page - Monolithic Power Systems MP5600EU Datasheet HTML 16Page - Monolithic Power Systems MP5600EU Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
MP5600-COMPACT MULTIPLE-OUTPUT POWER SUPPLY FOR TV-LCD PANEL
MP5600 Rev. 0.9
www.MonolithicPower.com
13
10/19/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
OPERATION
The MP5600 is a power supply designed for TFT
LCD panels used in TVs and Monitors. It
contains a buck switching regulator to generate
the logic supply rail, a boost switching regulator
to generate the source driver supply, and two
charge-pump regulators to generate the gate
driver
supplies.
Each
regulator
features
adjustable output voltage, internal soft-start, and
timer-delayed fault protection. Figure 1 shows the
total functional block diagram.
Buck Regulator
The buck regulator employs fixed switching
frequency, peak current mode architecture to
obtain the quick response. It uses an internal N-
channel MOSFET to step down the input voltage
to the regulated output voltage. A bootstrap
capacitor connected between SWBK and BST is
required to drive the high-side MOSFET. See the
figure2.
IN
BST
SWBK
IN3
VBK
Regulator
Driver
Current
Sense
Σ
OSC
(450/675kHz)
Ramp
Compensation
S
R
Q
Ref
SoftStart
FSEL
PWM
Comparator
EA
Protection
FBBK
200mV
PG
0.7 Ref
Delay
DLY3
EN1
GND
M1
M2
Enable Control
M3
Figure 2 —Buck Regulator Block Diagram
At the beginning of a cycle, M1 is off. The EA
output voltage is higher than the current sense
amplifier output, and the current comparator’s
output is low. The rising edge of the oscillator
signal sets the RS Flip-Flop. Its output turns on
M1 thus connecting the SWBK pin and inductor
to the input supply.
The increasing inductor
current is sensed and amplified by the Current
Sense Amplifier. Ramp compensation is summed
to the Current Sense Amplifier output and
compared to the Error Amplifier output by the
PWM Comparator. When the sum of the Current
Sense
Amplifier
output
and
the
Slope
Compensation signal exceeds the EA output
voltage, the RS Flip-Flop is reset and M1 is
turned off. The external schottky rectifier diode
conducts the inductor current. If the sum of the
Current Sense Amplifier output and the Slope
Compensation signal does not exceed the EA
output for a whole cycle, then the falling edge of
the CLK resets the Flip-Flop. The output of the
Error Amplifier integrates the voltage difference
between the feedback and the reference. The
polarity is such that a FBBK pin voltage is lower
than reference increases the EA output voltage.
Since the EA output voltage is proportional to the
peak inductor current, an increase in its voltage
also increases current delivered to the output.
With dual mode feedback feature, the buck
regulator supports both fixed and adjustable
output voltages. Connect FBBT to GND to enable
the 3.3V fixed output voltage. Connect a resistive
voltage-divider between VOBUCK and GND with the
center point connected to FBBT to set the output
voltage.
The buck regulator also includes a 15Ω low side
MOSFET M2, this switch is used to charge the
bootstrap capacitor during startup and reduce the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com