Electronic Components Datasheet Search
  English  ▼

X  

MP5600EU Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5600EU
Description  Compact Multiple-Output Power Supply for TV-LCD panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5600EU Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5600EU Datasheet HTML 2Page - Monolithic Power Systems MP5600EU Datasheet HTML 3Page - Monolithic Power Systems MP5600EU Datasheet HTML 4Page - Monolithic Power Systems MP5600EU Datasheet HTML 5Page - Monolithic Power Systems MP5600EU Datasheet HTML 6Page - Monolithic Power Systems MP5600EU Datasheet HTML 7Page - Monolithic Power Systems MP5600EU Datasheet HTML 8Page - Monolithic Power Systems MP5600EU Datasheet HTML 9Page - Monolithic Power Systems MP5600EU Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MP5600-COMPACT MULTIPLE-OUTPUT POWER SUPPLY FOR TV-LCD PANEL
MP5600 Rev. 0.9
www.MonolithicPower.com
6
10/19/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN=12V, VOBUCK=3.3V VOBOOST=16V, TA=25°C unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Soft-Start Time
tSS-N
FSEL=GND
1
ms
POSITIVE CHARGE PUMP CONTROLLER
External load Driving
Capability
120
mA
FBP Regulation Voltage
VFBP
1.20
1.227
1.25
V
FBP output Bias Current
IFBP
VFBP = 1.2V
10
100
nA
FBP Fault Trip Level
VFBP-L
Falling edge
0.96
1.0
1.04
V
High-side Driver On
resistance
RHDS-P
ILOAD=20mA
5
8
Ω
Low-side Driver Sink Current
ISINK-L
1.2
A
Soft-Start time
tSS-P
FSEL=GND
4
ms
GATE PULSE DRIVER AND CONTROL SWITCHES
GPH Input Voltage Range
35
45
V
GPH Input Current
IGPH
MODE = DLY4 = GPI = VCC
300
600
µA
GPI Input Low Voltage
VPGI-L
0.6
V
GPI Input High Voltage
VPGI-H
2.2
V
GPI Input Leakage Current
ILKG-GPH
GPI = GND or VCC
10
nA
1kOhm from GPD to GND,GPI =
GND to VL step, no load on
GPO,
Measure
VGPI=2V
to
GPO=20%
60
ns
GPI-to-GPH Propagation
Delay
1kOhm from GPD to GND,GPI =
VL to GND step, no load on
GPO, Measure VGPI=0.6V to
GPO=80%
60
ns
GPH-to-GPO Switch On-
Resistance
RDS-GPH
DLY4 = GPI =VCC
6
10
Ω
GPH-to-GPO Switch
Saturation Current
IST-GPH
(VGPH-VGPO)>6V
150
390
mA
GPD-to-GPO Switch On-
Resistance
RDS-GPD
DLY4 = VCC, GPI =GND
8
15
Ω
GPD-to-GPO Switch
Saturation Current
IST-GPD
(VGPO-VGPD)>6V
75
180
mA
GPO-to-PGND Switch On-
Resistance
RDS-GPO
DLY4 = 0, VGPO = 5V
3
5
8
kΩ
MODE Switch On-Resistance
RDS-MODE DLY4 = 0, VGPO = 5V
1250
Ω
MODE 1 Voltage Threshold
VTH-M1
MODE rising edge
4
4.5
V
MODE Capacitor Charge
Current
IMODE
Mode 2,VMODE<VVL/4
40
50
60
µA
MODE 2 Voltage Threshold
for Enabling GPD switch
VTH-M2
MODE rising edge
1.2
1.25
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com