Electronic Components Datasheet Search
  English  ▼

X  

MP5600EU Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5600EU
Description  Compact Multiple-Output Power Supply for TV-LCD panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5600EU Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5600EU Datasheet HTML 5Page - Monolithic Power Systems MP5600EU Datasheet HTML 6Page - Monolithic Power Systems MP5600EU Datasheet HTML 7Page - Monolithic Power Systems MP5600EU Datasheet HTML 8Page - Monolithic Power Systems MP5600EU Datasheet HTML 9Page - Monolithic Power Systems MP5600EU Datasheet HTML 10Page - Monolithic Power Systems MP5600EU Datasheet HTML 11Page - Monolithic Power Systems MP5600EU Datasheet HTML 12Page - Monolithic Power Systems MP5600EU Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
MP5600-COMPACT MULTIPLE-OUTPUT POWER SUPPLY FOR TV-LCD PANEL
MP5600 Rev. 0.9
www.MonolithicPower.com
9
10/19/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
18
BST
Buck Regulator Bootstrap Pin. Connect a capacitor between this pin and SWBK to form a
floating supply to drive the internal MOSFET. 0.1µF is recommended for most application.
19.20
SWBK
Buck Regulator Switching Output. SWBK is the source of the internal N-channel MOSFET.
Connect the inductor and schottky diode to SWBK pin.
21
VBK
Buck Regulator Output Pin. Connect buck regulator output to this pin.
22,23
IN1,IN2
Buck Regulator Power Input Pin. Drain of the internal N-channel MOSFET.
24
IN3
Input Pin for powering internal 5V regulator and logic circuitry. Bypass this pin to GND with a
capacitor. A 0.22µF is enough for most application.
25
FSEL
Switching Frequency Select Pin. If FSEL is connected to GND, the switching frequency is
set to 450kHz, if FSEL is connected to VCC, the switching frequency is set to 675kHz.
26
EN1
Buck and Negative Charge Pump Regulator Enable Pin. High level enables buck regulator,
Low level disables buck regulator.
27
DLY2
Positive Charge Pump Delay Pin. Connect a capacitor from DLY2 and GND to set the delay
time between the boost startup and the startup of positive charge pump regulator.
28
VCC
5V Internal Regulator Output Pin. Bypass VCC to GND with 1μF ceramic capacitor. It
provides power for the internal reference, logic and driving circuit.
29
EN2
Boost and Positive Charge Pump Regulator Enable Pin. High level enables boost regulator,
Low level disables boost regulator. EN2 is not effective before EN1 is high.
30,31
PGND
Power Ground. It is refer to boost regulator.
32,33
SWBT
Boost Regulator Power Switching Output. SWBT is the drain of the internal MOSFET.
Connect the inductor and Schottky to both SWBT pins.
34
SWI
Boost Regulator Internal N-Channel MOSFET Pass Switch Input. It is the drain of internal
isolation MOSFET. Connect the cathode of Schottky to SWI.
35
SWO
Boost Regulator Internal N-Channel MOSFET Pass Switch Output. It is the source of
internal isolation MOSFET. SWO is the real boost regulator output.
36
FBBT
Boost Regulator Feedback Pin. Connect FBBT to the center of a resistor divider between
the boost regulator output and GND to set the boost regulator output voltage.
37
COMP
Boost Regulator Compensation Pin. This pin is used to compensate the regulator control
loop. Connect a capacitor or a series RC network from COMP pin to GND.
38
PG
Power Good Pin. Open-Drain Power Good Output indicator for buck regulator.
39
DLY3
Power Good Delay Pin. Connect a capacitor from DLY3 to GND to set the delay time
between buck regulator and PG indication signal.
40
AGND
Analog Ground
EP
GND
Exposed Paddle (GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com