Electronic Components Datasheet Search
  English  ▼

X  

MP5600EU Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5600EU
Description  Compact Multiple-Output Power Supply for TV-LCD panel
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5600EU Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5600EU Datasheet HTML 6Page - Monolithic Power Systems MP5600EU Datasheet HTML 7Page - Monolithic Power Systems MP5600EU Datasheet HTML 8Page - Monolithic Power Systems MP5600EU Datasheet HTML 9Page - Monolithic Power Systems MP5600EU Datasheet HTML 10Page - Monolithic Power Systems MP5600EU Datasheet HTML 11Page - Monolithic Power Systems MP5600EU Datasheet HTML 12Page - Monolithic Power Systems MP5600EU Datasheet HTML 13Page - Monolithic Power Systems MP5600EU Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MP5600-COMPACT MULTIPLE-OUTPUT POWER SUPPLY FOR TV-LCD PANEL
MP5600 Rev. 0.9
www.MonolithicPower.com
10
10/19/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =12V, VOBUCK=3.3V, VOBOOST=16V, VGL=-6V, VGPH=35V, unless otherwise noted.
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
2.5
3
Buck Regulator
Power Good Signal
Buck Regulator
Start Up
SW_BUCK
10V/div
SW_BUCK
10V/div
SW_BUCK
10V/div
VOBUCK/AC
50mV/div
VIN
5V/div
IINDUCTOR
1A/div
SW_BUCK
10V/div
VOBUCK/AC
50mV/div
ILOAD
1A/div
VOBUCK
1V/div
DLY3
1V/div
PG
2V/div
PG
2V/div
REF
1V/div
VOBUCK
1V/div
VOBUCK
2V/div
EN1
2V/div
IINDUCTOR
1A/div
IINDUCTOR
1A/div
SW_BUCK
10V/div
VOBUCK
1V/div
EN1
2V/div
IINDUCTOR
1A/div
2us/div
400ms/div
40us/div
20ms/div
1ms/div
Buck Regulator
Steady State Operation
Iout=2A
Buck Regulator
Load Transient
Buck Regulator
Shut Down
Buck Regulator
Short Circuit Protection
2A load, normal to short, then recovery
200us/div
0.5A
2.5A
Buck Regulator
Efficiency vs. Load Current
V
IN=18V
V
IN=12V
V
IN=8V
LOAD CURRENT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com