Electronic Components Datasheet Search
  English  ▼

X  

MP2930 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2930
Description  4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2930 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2930 Datasheet HTML 11Page - Monolithic Power Systems MP2930 Datasheet HTML 12Page - Monolithic Power Systems MP2930 Datasheet HTML 13Page - Monolithic Power Systems MP2930 Datasheet HTML 14Page - Monolithic Power Systems MP2930 Datasheet HTML 15Page - Monolithic Power Systems MP2930 Datasheet HTML 16Page - Monolithic Power Systems MP2930 Datasheet HTML 17Page - Monolithic Power Systems MP2930 Datasheet HTML 18Page - Monolithic Power Systems MP2930 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
MP2930 - 4-PHASE PWM CONTROLLER WITH 8-BIT DAC CODE
MP2930 Rev. 1.01
www.MonolithicPower.com
15
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Once
the
average
current
exceeds
the
reference current, a comparator triggers the
converter to shutdown.
At the beginning of over-current shutdown, the
controller places all PWM signals in a high-
impedance state within 20ns to turn off the
MP86961. The system remains in this state
about 12ms. If the controller is still enabled at
the end of this wait period, it will attempt a soft-
start. If the fault remains, the hiccup mode will
continue indefinitely until either controller is
disabled or the fault is cleared. Note that the
energy delivered during hiccup mode is much
less than during full-load operation, so there is
no thermal hazard during this kind of operation.
OUTPUT VOLTAGE
OUTPUT CURRENT
0A
0V
Figure 9
—Over-current Behavior in HICCUP
Mode. FSW = 600kHz
For
the
individual
channel
over-current
protection, the MP2930 continuously compares
the sensed current signal of each channel with
the 120µA reference current. If one channel
current exceeds the reference current, MP2930
will pull PWM signal of this channel to low for
the rest of the switching cycle. This PWM signal
can be turned on next cycle if the sensed
channel
current
is
less
than
the
120µA
reference current. The peak current limit of
individual channel will not trigger the converter
to shutdown.
Thermal Monitoring (VR_HOT/VR_FAN)
There are two thermal signals to indicate the
temperature status of the voltage regulator:
VR_HOT and VR_FAN. Both VR_FAN and
VR_HOT pins are open-drain outputs, and
external pull-up resistors are required. Those
signals are valid after the controller is enabled.
The
VR_FAN
signal
indicates
that
the
temperature of the voltage regulator is high and
more cooling airflow is needed. The VR_HOT
signal can be used to inform the system that the
temperature of the voltage regulator is too high
and
the
CPU
should
reduce
its
power
consumption.
R
R
CC
TM
0.33V
0.28V
VR_FAN
VR_HOT
°C
REF
TM1
CC
VCC
Figure 10
—Block Diagram of Thermal
Monitoring Function
The diagram of thermal monitoring function
block is shown in Figure 10. One NTC resistor
should be placed close to the power stage of
the voltage regulator to sense the operational
temperature, and one pull-up resistor is needed
to form the voltage divider for the TM pin. As
the temperature of the power stage increases,
the resistance of the NTC will reduce, resulting
in the reduced voltage at the TM pin.
0.39*VCC
TEMPERATURE
T1
T2
T3
0.33*VCC
0.28*VCC
VR_FAN
VR_HOT
TM
Figure 11
—VR_HOT and VR_FAN Signal vs.
TM Voltage
There are two comparators with hysteresis to
compare the TM pin voltage to the fixed
thresholds for VR_FAN and VR_HOT signals
respectively. The VR_FAN signal is set to high
when the TM voltage is lower than 33% of VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com