Electronic Components Datasheet Search
  English  ▼

X  

MP2930 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP2930
Description  4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2930 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP2930 Datasheet HTML 14Page - Monolithic Power Systems MP2930 Datasheet HTML 15Page - Monolithic Power Systems MP2930 Datasheet HTML 16Page - Monolithic Power Systems MP2930 Datasheet HTML 17Page - Monolithic Power Systems MP2930 Datasheet HTML 18Page - Monolithic Power Systems MP2930 Datasheet HTML 19Page - Monolithic Power Systems MP2930 Datasheet HTML 20Page - Monolithic Power Systems MP2930 Datasheet HTML 21Page - Monolithic Power Systems MP2930 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
MP2930 - 4-PHASE PWM CONTROLLER WITH 8-BIT DAC CODE
MP2930 Rev. 1.01
www.MonolithicPower.com
18
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Compensation without Load-Line
Regulation
The
non
load-line
regulated
converter
is
accurately
modeled
as
a
voltage-mode
regulator with two poles at the L-C resonant
frequency and a zero at the ESR frequency. A
type-III controller, as shown in Figure 13,
provides the necessary compensation.
R
C
C
R
COMP
FB
IDROOP
VDIFF
MP2930
R
C
FB
2
C
C
1
1
Figure 13
—Compensation Circuit for
MP2930 without Load-line Regulation
The first
step
is
to
choose
the
desired
bandwidth, f0, of the compensated system.
Choose a frequency high enough to assure
adequate transient performance but not higher
than 1/3 of the switching frequency. The type-III
compensator has an extra high-frequency pole,
fHF. A good general rule is to choose fHF=10f0,
but it can be higher if desired. Choosing fHF to
be lower than 10f0 can cause problems with too
much phase shift below the system bandwidth.
Designing the Output Filter
The output inductors and the output capacitor
bank
together
to
form
a
low-pass
filter
responsible for smoothing the pulsating voltage
at the phase nodes. The output filter also must
provide the transient energy until the regulator
can respond.
In high-speed converters, the output capacitor
bank is usually the most costly (and often the
largest) part of the circuit. The critical load
parameters in choosing the output capacitors
are the maximum size of the load step,
ΔI; the
load-current slew rate, di/dt; and the maximum
allowable
output
voltage
deviation
under
transient loading,
ΔV
MAX. Capacitors are
characterized according to their capacitance,
ESR, and ESL (equivalent series inductance).
At the beginning of the load transient, the
output capacitors supply all of the transient
current. The output voltage will initially deviate
by an amount approximated by the voltage drop
across the ESL. As the load current increases,
the voltage drop across the ESR increases
linearly until the load current reaches its final
value. The capacitors selected must have
sufficiently low ESL and ESR so that the total
output voltage deviation is less than the
allowable maximum. Neglecting the contribution
of inductor current and regulator response, the
output voltage initially deviates by an amount in
Equation (19):
ΔI
ESR
dt
di
ESL
ΔV
(19)
The filter capacitor must have sufficiently low
ESL and ESR so that
ΔV < ΔV
MAX.
The ESR of the bulk capacitors also creates the
majority of the output voltage ripple. As the bulk
capacitors sink and source the inductor AC
ripple current, a voltage develops across the
bulk-capacitor ESR. Thus, once the output
capacitors
are
selected,
the
maximum
allowable ripple voltage, VP-P(MAX) determines
the lower limit on the inductance.
MAX
P
-
P
V
IN
V
s
f
OUT
V
OUT
NV
-
IN
V
ESR
L
(20)
Since the capacitors are supplying a decreasing
portion of the load current while the regulator
recovers from the transient, the capacitor
voltage becomes slightly depleted. The output
inductors must be capable of assuming the
entire load current before the output voltage
decreases more than
ΔV
MAX.
This places an
upper limit on inductance.
Selecting the Switching Frequency
There are a number of variables to consider
when choosing the switching frequency, as
there are considerable effects on the upper-
MOSFET loss calculation. The lower limit is
established by the requirement for fast transient
response and small output voltage ripple as
outlined in “Output Filter Design”. Choose the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com