Electronic Components Datasheet Search
  English  ▼

X  

MP2930 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP2930
Description  4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2930 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP2930 Datasheet HTML 10Page - Monolithic Power Systems MP2930 Datasheet HTML 11Page - Monolithic Power Systems MP2930 Datasheet HTML 12Page - Monolithic Power Systems MP2930 Datasheet HTML 13Page - Monolithic Power Systems MP2930 Datasheet HTML 14Page - Monolithic Power Systems MP2930 Datasheet HTML 15Page - Monolithic Power Systems MP2930 Datasheet HTML 16Page - Monolithic Power Systems MP2930 Datasheet HTML 17Page - Monolithic Power Systems MP2930 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
MP2930 - 4-PHASE PWM CONTROLLER WITH 8-BIT DAC CODE
MP2930 Rev. 1.01
www.MonolithicPower.com
14
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
defined by the resistor RSS from SS pin to GND.
The second soft-start ramp time td2 and td4 can
be calculated based on Equations (13) and (14):
(us)
6.25
SS
R
1.1
d2
t
25
3
2
(13)
(us)
6.25
SS
R
1.1
VID
V
d4
t
25
3
2
(14)
For example, when ID is set to 1.5V and the
RSS is set at 100kΩ, the first soft-start ramp time
td2 will be 469µs and the second soft-start ramp
time td4 will be 171µs.
After the DAC voltage reaches the final ID
setting, VR_RDY will be set to high with the
fixed delay td5. The typical value for td5 is 85µs.
Fault Monitoring and Protection
The MP2930 actively monitors output voltage
and current to detect fault conditions. One
common power good indicator is provided for
linking
to
external
system
monitors.
The
schematic in Figure 8 outlines the interaction
between the fault monitors and the VR_RDY
signal.
VR_RDY Signal
The VR_RDY pin is an open-drain logic output
to
indicate
that
the soft-start
period
has
completed and the output voltage is within the
regulated range. VR_RDY is pulled low during
shutdown and releases high after a successful
soft-start and a fixed delay td5. VR_RDY will be
pulled low when an under-voltage or over-
voltage condition is detected, or the controller is
disabled by a reset from EN_PWR, EN_VTT,
POR, or ID OFF-code.
Under-voltage Detection
The undervoltage threshold is set at 50% of the
ID code. When the output voltage at VSEN is
below the undervoltage threshold, VR_RDY is
pulled low.
Over-voltage Protection
Regardless of the VR being enabled or not, the
MP2930 over-voltage protection (OVP) circuit
will be active after its POR. The OVP thresholds
are different at different operation conditions.
When VR is not enabled and during the soft-
start intervals td1, td2 and td3, the OVP threshold
is 1.275V. Once the controller detects valid ID
input, the OVP trip point will be changed to
DAC + 175mV.
Two actions are taken by the MP2930 to protect
the microprocessor load when an over-voltage
condition occurs.
SOFT-START, FAULT
AND CONTROL LOGIC
50%
DAC
VDIFF
VID + 0.175V
85uA
I
VR_RDY
OC
UV
OV
AVG
Figure 8
—VR_RDY and Protection Circuitry
At the beginning of an over-voltage event, all
PWM outputs are commanded low instantly
(>20ns). This causes the MP86961 to turn on
the lower MOSFETs and pull the output voltage
below a level to avoid damaging the load. When
the VDIFF voltage falls below the DAC + 75mV,
PWM signals enter a high-impedance state,
and the SD pin is pulled low to turn off the
MP86961.
Once an over-voltage condition is detected,
normal
PWM
operation
ceases
until
the
MP2930 is reset. Cycling the voltage on
EN_PWR, EN_VTT or VCC below the POR-
falling threshold will reset the controller. Cycling
the ID codes will not reset the controller.
Over-current Protection
MP2930
has
two
levels
of
over-current
protection. Each phase is protected from a
sustained over-current condition by limiting its
peak
current,
while
the
combined
phase
currents are protected on an instantaneous
basis.
In instantaneous protection mode, the MP2930
utilizes the sensed average current IAVG to
detect an over-current condition. The average
current is continually compared with a constant
85µA reference current, as shown in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com