Electronic Components Datasheet Search
  English  ▼

X  

MP2930 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2930
Description  4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2930 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2930 Datasheet HTML 7Page - Monolithic Power Systems MP2930 Datasheet HTML 8Page - Monolithic Power Systems MP2930 Datasheet HTML 9Page - Monolithic Power Systems MP2930 Datasheet HTML 10Page - Monolithic Power Systems MP2930 Datasheet HTML 11Page - Monolithic Power Systems MP2930 Datasheet HTML 12Page - Monolithic Power Systems MP2930 Datasheet HTML 13Page - Monolithic Power Systems MP2930 Datasheet HTML 14Page - Monolithic Power Systems MP2930 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MP2930 - 4-PHASE PWM CONTROLLER WITH 8-BIT DAC CODE
MP2930 Rev. 1.01
www.MonolithicPower.com
11
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
If the RC network components are selected
such that the RC time constant (=R*C) matches
the
inductor
time
constant
(=L/DCR),
the
voltage across the capacitor VC is equal to the
voltage drop across the DCR, i.e., proportional
to the channel current.
Therefore, the current out of ISEN+ pin (ISEN), is
proportional to the inductor current and it can
be seen form Equation (4).
ISEN
R
DCR
L
I
SEN
I
(4)
Resistive Sensing
For accurate current sense, a current-sense
resistor RSENSE in series with each output
inductor can serve as the current sense
element (see Figure 3). This technique is more
accurate,
but
reduces
overall
converter
efficiency due to the additional power loss on
the current sense resistor RSENSE.
Equation (5) shows the ratio of the channel
current to the sensed current ISEN.
ISEN
R
SENSE
R
L
I
SEN
I
(5)
CURRENT
SENSE
I
ISEN+(n)
ISEN-(n)
MP2930 INTERNAL CIRCUIT
L
IL
n
=I
R
R
SEN
I
L
SENSE
ISEN
RISEN(n)
RSENSE
VOUT
COUT
CT
Figure 3
—Sense Resistor in Series with
Inductors
The inductor DCR value will increase as the
temperature increases. Therefore the sensed
current will increase as the temperature of the
current sense element increases. In order to
compensate the temperature effect on the
sensed current signal, a Positive Temperature
Coefficient (PTC) resistor can be selected for
the sense resistor RISEN.
Channel-Current Balance
The sensed current In from each active channel
is summed together and divided by the number
of active channels. The resulting average
current (IAVG) provides a measure of the total
load
current.
Channel
current
balance
is
achieved by comparing the sensed current of
each channel to the average current to make an
appropriate adjustment to the PWM duty cycle
of each channel.
Channel
current
balance
is
essential
in
achieving the thermal advantage of multiphase
operation. With good current balance, the
power loss is equally dissipated over multiple
devices and a greater area.
Voltage Regulation
The compensation network shown in Figure 4
assures that the steady-state error in the output
voltage is limited only to the error in the
reference voltage (output of the DAC) and
offset errors in the OFS current source, remote-
sense and error amplifiers.
The typical open-loop gain of error amplifier is
no less than 80dB, and the typical open-loop
bandwidth is no less than 20MHz.
R
C
R
C
MP2930 INTERNAL CIRCUIT
FB
ERROR AMPLIFIER
IDROOP
VDIFF
VSEN
RGND
DIFFERENTIAL
REMOTE-SENSE
AMPLIFIER
V
I
REF
DAC
COMP
EXTERNAL CIRCUIT
R
V
REF
REF
FB
DROOP
VOUT+
VOUT-
C
C
COMP
AVG
Figure 4
—Output Voltage and Load-line
Regulation with Offset Adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com