Electronic Components Datasheet Search
  English  ▼

X  

MP2930 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP2930
Description  4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2930 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP2930 Datasheet HTML 15Page - Monolithic Power Systems MP2930 Datasheet HTML 16Page - Monolithic Power Systems MP2930 Datasheet HTML 17Page - Monolithic Power Systems MP2930 Datasheet HTML 18Page - Monolithic Power Systems MP2930 Datasheet HTML 19Page - Monolithic Power Systems MP2930 Datasheet HTML 20Page - Monolithic Power Systems MP2930 Datasheet HTML 21Page - Monolithic Power Systems MP2930 Datasheet HTML 22Page - Monolithic Power Systems MP2930 Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
MP2930 - 4-PHASE PWM CONTROLLER WITH 8-BIT DAC CODE
MP2930 Rev. 1.01
www.MonolithicPower.com
19
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
lowest switching frequency that allows the
regulator
to
meet
the
transient-response
requirements.
Selecting the Input Capacitor
The
input
capacitors
are
responsible
for
sourcing the AC component of the input current
flowing into the upper MOSFETs. Their RMS
current capacity must be sufficient to handle the
AC component of the current drawn by the
upper MOSFETs which is related to duty cycle
and the number of active phases.
Low
capacitance,
high-frequency
ceramic
capacitors are needed in addition to the bulk
capacitors to suppress leading and falling edge
voltage
spikes.
Select
low
ESL
ceramic
capacitors and place one as close as possible
to each upper MOSFET drain to minimize board
parasitic
impedances
and
maximize
suppression.
PC Board Layout
For best performance of the MP2930, the
following guidelines should be strictly followed:
Within the allotted implementation area, place
the
switching
components
first.
Switching
component placement should take into account
power dissipation. Align the output inductors
and MOSFETs such that space between the
components is minimized while creating the
PHASE plane. If possible, duplicate the same
placement of these components for each phase.
Next, place the input and output capacitors.
Position one high frequency ceramic input
capacitor next to each upper MOSFET drain.
Place the input capacitors as close to the upper
MOSFET drains as dictated by the component
size
and
dimensions.
Locate
the
output
capacitors between the inductors and the load,
while keeping them in close proximity to the
microprocessor socket.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com