Electronic Components Datasheet Search
  English  ▼

X  

MP2930 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP2930
Description  4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2930 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP2930 Datasheet HTML 12Page - Monolithic Power Systems MP2930 Datasheet HTML 13Page - Monolithic Power Systems MP2930 Datasheet HTML 14Page - Monolithic Power Systems MP2930 Datasheet HTML 15Page - Monolithic Power Systems MP2930 Datasheet HTML 16Page - Monolithic Power Systems MP2930 Datasheet HTML 17Page - Monolithic Power Systems MP2930 Datasheet HTML 18Page - Monolithic Power Systems MP2930 Datasheet HTML 19Page - Monolithic Power Systems MP2930 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MP2930 - 4-PHASE PWM CONTROLLER WITH 8-BIT DAC CODE
MP2930 Rev. 1.01
www.MonolithicPower.com
16
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
voltage, and is pulled to GND when the TM
voltage increases to above 39% of VCC voltage.
The VR_FAN signal is set to high when the TM
voltage goes below 28% of VCC voltage, and is
pulled to GND when the TM voltage goes back
to above 33% of VCC voltage. Figure 11 shows
the operation of those signals.
Current Sense Output
The current from the IDROOP pin is the sensed
average current. In typical application, the
IDROOP pin is connected to the FB pin for the
application where load line is required.
When load line function is not needed, the
IDROOP pin can be used to obtain the load
current information: with one resistor from the
IDROOP pin to GND, the voltage at the
IDROOP pin will be proportional to the load
current in Equation (15):
LOAD
I
ISEN
R
X
R
N
IDROOP
R
IDROOP
V
(15)
Where VIDROOP is the voltage at the IDROOP pin,
RIDROOP is the resistor between the IDROOP pin
and GND, ILOAD is the total output current of the
converter, RISEN is the sense resistor connected
to the ISEN+ pin, N is the active channel
number, and RX is the resistance of the current
sense element, either the DCR of the inductor
or RSENSE depending on the sensing method.
RIDROOP should be chosen to ensure that the
voltage at the IDROOP pin is less than 2V
under the maximum load current.
If the IDROOP pin is not used, tie it to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com