Electronic Components Datasheet Search
  English  ▼

X  

MP2930 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP2930
Description  4-Phase PWM Controller With 8-Bit DAC code for VR10 and VR11
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2930 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP2930 Datasheet HTML 16Page - Monolithic Power Systems MP2930 Datasheet HTML 17Page - Monolithic Power Systems MP2930 Datasheet HTML 18Page - Monolithic Power Systems MP2930 Datasheet HTML 19Page - Monolithic Power Systems MP2930 Datasheet HTML 20Page - Monolithic Power Systems MP2930 Datasheet HTML 21Page - Monolithic Power Systems MP2930 Datasheet HTML 22Page - Monolithic Power Systems MP2930 Datasheet HTML 23Page - Monolithic Power Systems MP2930 Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
MP2930 - 4-PHASE PWM CONTROLLER WITH 8-BIT DAC CODE
MP2930 Rev. 1.01
www.MonolithicPower.com
20
10/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Table 1
—VR10 ID Table (with 6.25mV
Extension)
ID4
400mV
ID3
200mV
ID2
100mV
ID1
50mV
ID0
25mV
ID5
12.5mV
ID6
6.25mV
VOLTAGE
(V)
0
1
0
1
0
1
1
1.60000
0
1
0
1
0
1
0
1.59375
0
1
0
1
1
0
1
1.58750
0
1
0
1
1
0
0
1.58125
0
1
0
1
1
1
1
1.57500
0
1
0
1
1
1
0
1.56875
0
1
1
0
0
0
1
1.56250
0
1
1
0
0
0
0
1.55625
0
1
1
0
0
1
1
1.55000
0
1
1
0
0
1
0
1.54375
0
1
1
0
1
0
1
1.53750
0
1
1
0
1
0
0
1.53125
0
1
1
0
1
1
1
1.52500
0
1
1
0
1
1
0
1.51875
0
1
1
1
0
0
1
1.51250
0
1
1
1
0
0
0
1.50625
0
1
1
1
0
1
1
1.50000
0
1
1
1
0
1
0
1.49375
0
1
1
1
1
0
1
1.4875
0
1
1
1
1
0
0
1.48125
0
1
1
1
1
1
1
1.47500
0
1
1
1
1
1
0
1.46875
1
0
0
0
0
0
1
1.46250
1
0
0
0
0
0
0
1.45625
1
0
0
0
0
1
1
1.45000
1
0
0
0
0
1
0
1.44375
1
0
0
0
1
0
1
1.43750
1
0
0
0
1
0
0
1.43125
1
0
0
0
1
1
1
1.42500
1
0
0
0
1
1
0
1.41875
1
0
0
1
0
0
1
1.41250
1
0
0
1
0
0
0
1.40625
1
0
0
1
0
1
1
1.40000
1
0
0
1
0
1
0
1.39375
1
0
0
1
1
0
1
1.38750
1
0
0
1
1
0
0
1.38125
1
0
0
1
1
1
1
1.37500
1
0
0
1
1
1
0
1.36875
1
0
1
0
0
0
1
1.36250
Table 1
—VR10 ID Table (with 6.25mV
Extension) (continued)
ID4
400mV
ID3
200mV
ID2
100mV
ID1
50mV
ID0
25mV
ID5
12.5mV
ID6
6.25mV
VOLTAGE
(V)
1
0
1
0
0
0
0
1.35625
1
0
1
0
0
1
1
1.35000
1
0
1
0
0
1
0
1.34375
1
0
1
0
1
0
1
1.33750
1
0
1
0
1
0
0
1.33125
1
0
1
0
1
1
1
1.32500
1
0
1
0
1
1
0
1.31875
1
0
1
1
0
0
1
1.31250
1
0
1
1
0
0
0
1.30625
1
0
1
1
0
1
1
1.30000
1
0
1
1
0
1
0
1.29375
1
0
1
1
1
0
1
1.28750
1
0
1
1
1
0
0
1.28125
1
0
1
1
1
1
1
1.27500
1
0
1
1
1
1
0
1.26875
1
1
0
0
0
0
1
1.26250
1
1
0
0
0
0
0
1.25625
1
1
0
0
0
1
1
1.25000
1
1
0
0
0
1
0
1.24375
1
1
0
0
1
0
1
1.23750
1
1
0
0
1
0
0
1.23125
1
1
0
0
1
1
1
1.22500
1
1
0
0
1
1
0
1.21875
1
1
0
1
0
0
1
1.21250
1
1
0
1
0
0
0
1.20625
1
1
0
1
0
1
1
1.20000
1
1
0
1
0
1
0
1.19375
1
1
0
1
1
0
1
1.18750
1
1
0
1
1
0
0
1.18125
1
1
0
1
1
1
1
1.17500
1
1
0
1
1
1
0
1.16875
1
1
1
0
0
0
1
1.16250
1
1
1
0
0
0
0
1.15625
1
1
1
0
0
1
1
1.15000
1
1
1
0
0
1
0
1.14375
1
1
1
0
1
0
1
1.13750
1
1
1
0
1
0
0
1.13125
1
1
1
0
1
1
1
1.12500
1
1
1
0
1
1
0
1.11875



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com