Electronic Components Datasheet Search
  English  ▼

X  

MP4001 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP4001
Description  Universal Input High Brightness White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4001 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP4001 Datasheet HTML 1Page - Monolithic Power Systems MP4001 Datasheet HTML 2Page - Monolithic Power Systems MP4001 Datasheet HTML 3Page - Monolithic Power Systems MP4001 Datasheet HTML 4Page - Monolithic Power Systems MP4001 Datasheet HTML 5Page - Monolithic Power Systems MP4001 Datasheet HTML 6Page - Monolithic Power Systems MP4001 Datasheet HTML 7Page - Monolithic Power Systems MP4001 Datasheet HTML 8Page - Monolithic Power Systems MP4001 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP4001
– UNIVERSAL INPUT HIGH BRIGHTNESS WLED DRIVER
MP4001 Rev. 1.02
www.MonolithicPower.com
2
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP4001DS
SOIC8
MP4001
*For Tape & Reel, add suffix
–Z (eg. MP4001DS-Z)
For RoHS Compliant Packaging, add suffix
–LF (eg. MP4001DS–LF–Z)
PACKAGE REFERENCE
ABSOLUTE MAXIMUM RATINGS (1)
IN ................................................-0.5V to 500V
VCC, DRIVE ...................................-0.3V to 11V
DIM, BOS, CS, VS .........................-0.3V to 6.5V
Continuous Power Dissipation (TA=25°C)
(2)
SOIC8………………………………………..1.3W
Junction Temperature ...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -55°C to +150°C
Recommended Operating Conditions
(3)
IN Supply 50/60Hz
AC RMS Voltage............................. 12V to 350V
IN Supply DC Voltage ..................... 12V to 450V
VCC
, DRIVE……………………….-0.3V to 10.5V
Operating Junct. Temp(TJ)...... –40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8 .....................................96 ...... 45 ...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ (MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its operating
conditions.
4)
Measured on approximately 1” square of 1 oz copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com