Electronic Components Datasheet Search
  English  ▼

X  

MP4001 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4001
Description  Universal Input High Brightness White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4001 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4001 Datasheet HTML 8Page - Monolithic Power Systems MP4001 Datasheet HTML 9Page - Monolithic Power Systems MP4001 Datasheet HTML 10Page - Monolithic Power Systems MP4001 Datasheet HTML 11Page - Monolithic Power Systems MP4001 Datasheet HTML 12Page - Monolithic Power Systems MP4001 Datasheet HTML 13Page - Monolithic Power Systems MP4001 Datasheet HTML 14Page - Monolithic Power Systems MP4001 Datasheet HTML 15Page - Monolithic Power Systems MP4001 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP4001
– UNIVERSAL INPUT HIGH BRIGHTNESS WLED DRIVER
MP4001 Rev 1.02
www.MonolithicPower.com
12
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
A maximum 110kHz switching frequency is set
by MP4001 to avoid extreme losses in the
circuit and ensure better EMI performance. If
the converter reaches the maximum frequency,
it
will
operate
in
discontinuous
current
conduction mode. Such operation mode should
be avoided since the LED current is out of
regulation.
In order to design the switching frequency fs
within the 30kHz to 110kHz range, inductor
design is critical.
bus
out
out
s
LED
bus
(V
V ) V
1
L
f 2 I
V



,
where, VBUS is the input voltage of the Buck
converter, VOUT is the LED voltage.
Hiccup Output Short Protection
If the entire LED string is shorted, VOUT is zero.
Due to the minimal on time limitation, the
inductor current will be out of regulation. The
MP4001 can detect such failure and shut down
for about 1.7ms, and then re-tries the operation.
Such hiccup protection can not only eliminate
the thermal issue due to short circuit current,
but also maintain normal operation if the
protection is mis-triggered.
Under-Voltage Lockout (UVLO) Protection
Under-voltage lockout (UVLO) is implemented
to protect the chip from operating at insufficient
supply voltage. The UVLO rising threshold is
about 7.25V while its falling threshold is a
consistent 6.25V.
Thermal Shut down Protection
An
accurate
temperature
protection
is
implemented to prevent the chip from operating
at exceedingly high temperatures. When the
silicon die temperature is higher than its upper
threshold, it shuts down the whole chip. When
the
temperature
is
lower
than
its
lower
threshold,
the
chip
is
enabled
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com