Electronic Components Datasheet Search
  English  ▼

X  

MP4001 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4001
Description  Universal Input High Brightness White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4001 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4001 Datasheet HTML 1Page - Monolithic Power Systems MP4001 Datasheet HTML 2Page - Monolithic Power Systems MP4001 Datasheet HTML 3Page - Monolithic Power Systems MP4001 Datasheet HTML 4Page - Monolithic Power Systems MP4001 Datasheet HTML 5Page - Monolithic Power Systems MP4001 Datasheet HTML 6Page - Monolithic Power Systems MP4001 Datasheet HTML 7Page - Monolithic Power Systems MP4001 Datasheet HTML 8Page - Monolithic Power Systems MP4001 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP4001
Universal Input High Brightness
White LED Driver
MP4001 Rev. 1.02
www.MonolithicPower.com
1
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP4001 is a high efficiency step-down
converter
designed
for
driving
the
high
brightness Light Emitting Diodes (LEDs).
The MP4001 drives external MOSFET with
boundary conduction mode which features no
reverse recovery loss in the freewheeling diode,
soft turn on with zero-current and valley voltage
for the power MOSFET. Such operation mode
can achieve very high efficiency and in the
same time minimize the inductor value and
size. With the boundary conduction control
mode, the LED current can be well regulated by
control the MOSFET peak current which is
sensed through an external resistor. Its low
300mV feedback voltage reduces power loss
and improves the efficiency.
The MP4001 integrates a high-voltage smart
LDO, which allows the AC input to power up the
IC directly. The smart LDO sinks current when
the input voltage is lower than 24V to achieve
higher efficiency.
The MP4001 implements both PWM and DC
input burst dimming The MP4001 features
output short protections, maximum switching
frequency limitation, under-voltage lockout and
thermal shut down.
FEATURES
 Constant-current LED Driver
 Universal AC Input (85VAC-305VAC)
 Power MOSFET Zero-Current Turn On
 High Efficiency Boundary Mode Operation
 Integrated High-voltage Smart LDO
 Low 1mA Operation Current
 PWM or DC Input Burst Dimming Control
 Hiccup Short Circuit Protection
 Maxim Frequency Limited to 110kHz
 Thermal Shutdown
 Available in SOIC8 Package
APPLICATIONS
 Non-Isolated Lighting
 General Illumination
 Industrial Lighting
 Automotive/ Decorative LED Lighting
 LCD TV Backlighting
 DC/DC or AC/DC LED Driver Applications
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP4001
Rsense
AC input
LEDs
Cout
D
L
GND
CS
DRIVE
BOS
VCC
IN
Cin
C1
MOSFET
DIM
DIM
CBOS
Q 1
Vbus
+
-
Vout
+
-
Vin
Vsw


Similar Part No. - MP4001

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP4001S CHENG-YI-MP4001S Datasheet
148Kb / 2P
40,50S IN-LINE BRIDGE RECTIFIER
logo
RFE international
MP4001S RFE-MP4001S Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
More results

Similar Description - MP4001

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9910 SUTEX-HV9910 Datasheet
442Kb / 11P
Universal High Brightness LED Driver
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
Universal High Brightness LED Driver
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
Universal High Brightness LED Driver
logo
Diodes Incorporated
PAM99700 DIODES-PAM99700 Datasheet
421Kb / 12P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER
Rev 1
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
Universal High-Brightness LED Driver
01/27/15
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com