Electronic Components Datasheet Search
  English  ▼

X  

MP4001 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4001
Description  Universal Input High Brightness White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4001 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4001 Datasheet HTML 1Page - Monolithic Power Systems MP4001 Datasheet HTML 2Page - Monolithic Power Systems MP4001 Datasheet HTML 3Page - Monolithic Power Systems MP4001 Datasheet HTML 4Page - Monolithic Power Systems MP4001 Datasheet HTML 5Page - Monolithic Power Systems MP4001 Datasheet HTML 6Page - Monolithic Power Systems MP4001 Datasheet HTML 7Page - Monolithic Power Systems MP4001 Datasheet HTML 8Page - Monolithic Power Systems MP4001 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP4001
– UNIVERSAL INPUT HIGH BRIGHTNESS WLED DRIVER
MP4001 Rev 1.02
www.MonolithicPower.com
4
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
DRIVE
External MOSFET drive output. The zero current crossing signal is detected from this pin.
2
CS
LED current sense input. Connect the current sense resistor that programs the LED current.
3
BOS
Burst Oscillator Setting. For the DC input burst dimming, connect a capacitor from this pin to
GND to program the burst dimming frequency. For the external PWM dimming, connect a
resistor such as 300
kΩ from this pin to GND and apply the logic signal to the DIM pin.
4
GND
Ground.
5
DIM
Dimming Control Input. For DC input burst dimming control, the voltage of 0V to 2.42V at
DIM pin linearly sets the burst-mode duty cycle from minimum to 100%. For external PWM
dimming control, connect the PWM signal to DIM pin. Open DIM pin or pull it high if no
dimming control is applied.
6
IN
Input Supply Pin. By connecting the IN pin to AC input as power source of VCC.
7
VCC
Internal regulated supply voltage output. Must be locally bypassed. The VCC voltage
provides the power for IC logic and driving external MOSFET.
8
VS
Test pin. Connect to GND for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com