Electronic Components Datasheet Search
  English  ▼

X  

MP4001 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4001
Description  Universal Input High Brightness White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4001 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4001 Datasheet HTML 1Page - Monolithic Power Systems MP4001 Datasheet HTML 2Page - Monolithic Power Systems MP4001 Datasheet HTML 3Page - Monolithic Power Systems MP4001 Datasheet HTML 4Page - Monolithic Power Systems MP4001 Datasheet HTML 5Page - Monolithic Power Systems MP4001 Datasheet HTML 6Page - Monolithic Power Systems MP4001 Datasheet HTML 7Page - Monolithic Power Systems MP4001 Datasheet HTML 8Page - Monolithic Power Systems MP4001 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP4001
– UNIVERSAL INPUT HIGH BRIGHTNESS WLED DRIVER
MP4001 Rev. 1.02
www.MonolithicPower.com
3
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN =24VDC, no load on pin Drive, TA = +25C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Input with An AC Voltage
VINAC
50/60Hz AC RMS at Pin IN
9
350
V
Input with A DC Voltage
VINDC
A DC voltage at Pin IN
9
450
V
Input Supply Current
(Quiescent)
IINQS
VDIM = 0V
0.64
mA
Input Supply Current
(Operation)
IINRUN
VDIM = 5 V
1
mA
VCC Internal Regulated Voltage
VCCH
VIN=14-24V, VCC Peak Voltage
9.8
V
VCCL
VIN=14-24V, VCC Valley Voltage
8.9
V
VCC
VIN=10.5V or VIN=35V
8.5
V
VCC Hysteresis
VCCHYS
0.88
V
VCC UVLO
VCCUVLO
6.5
7.25
8
V
VCC UVLO Hysteresis
VCCUVLO_HYS
1
V
DIM Input High
VDIMH
VDIM rising, VBOS=1.2V
1.5
V
DIM Input Low
VDIML
VDIM falling, VBOS=1.2V
0.9
V
DIM Pull up Current
I DIM_PULL_UP
VDIM=0V
10
A
BOS Charge Current
IBOS
3
4
5
A
BOS High Threshold
VBOSH
BOS connect with a capacitor
2.1
2.42
2.6
V
PWM Dimming on Propagation
Delay
TPWM_ON_PD
PWM rising edge to Drive rising
edge
540
ns
PWM Dimming off Propagation
Delay
TPWM_OFF_PD
PWM falling edge to Drive falling
edge
3
µs
CS Pin Reference Voltage
VRS
VDIM=VCC, @TA = -40°C to +85°C
270
300
330
mV
Turn-off Propagation Delay
tOFF_PD
100(4)
ns
Leading Edge Blanking Time
tLEB
290
450
ns
CS Bias Current
ICS
-1
1
A
Gate Drive Source Current
IDRV_SOURCE
VDRV=0V
400(5)
mA
Gate Drive Sink Current
IDRV_SINK
VDRV=VCC
-1.2(5)
A
Drive Low Level Output Voltage
VDRVL
IDRV=10mA
43
mV
Drive High Level Output
Voltage to Rail
VDRVH
IDRV=-10mA
110
mV
Gate Minimal Turn-on Time
tON_MIN
400(5)
ns
Maxim Switching Frequency
fSW_MAX
110(5)
kHz
Over Temperature Protection
Threshold
TOTP
150
C
Over Temperature Protection
Threshold Hysteresis
TOTP_HYS
30
C
Output Short Shut Down Time
tSD_SHORT
When short circuit occurs
1.7
ms
Notes:
5) Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com