Electronic Components Datasheet Search
  English  ▼

X  

MP4001 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4001
Description  Universal Input High Brightness White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4001 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4001 Datasheet HTML 8Page - Monolithic Power Systems MP4001 Datasheet HTML 9Page - Monolithic Power Systems MP4001 Datasheet HTML 10Page - Monolithic Power Systems MP4001 Datasheet HTML 11Page - Monolithic Power Systems MP4001 Datasheet HTML 12Page - Monolithic Power Systems MP4001 Datasheet HTML 13Page - Monolithic Power Systems MP4001 Datasheet HTML 14Page - Monolithic Power Systems MP4001 Datasheet HTML 15Page - Monolithic Power Systems MP4001 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP4001
– UNIVERSAL INPUT HIGH BRIGHTNESS WLED DRIVER
MP4001 Rev. 1.02
www.MonolithicPower.com
13
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESIGN EXAMPLE
The
design
example
introduces
a
typical
application of non-isolated LED lighting base on
MP4001. Figure 6 shows the schematic of this
application.
Figure 6: Schematic
Specification:
Input Voltage: Universal Input (90-265VAC)
LED Voltage: 10-30V
LED Current: 350mA
Passive PFC Circuit
To improve the Power Factor of this circuit, the
valley fill circuit is employed.
The following figures show the operation process
of Valley Fill Circuit.
Stage A: The AC line voltage rises from Va to
twice of Va, the circuit is powered by AC line
+
+
CX1
Fuse
LX1
LX2
CX2
C4
C3
R6
D4
D6
D5
Figure 7: Stage A of Valley Fill Circuit
Stage B: The AC line voltage rises from 2Va to
peak voltage of AC line voltage Vp. The capacitor
C3and C4 is charged up by AC line, the circuit is
powered by AC line.
+
+
CX1
Fuse
LX1
LX2
CX2
C4
C3
R6
D5
D6
D4
Figure 8: Stage B of Valley Fill Circuit
Stage C: The AC line voltage drops from peak
voltage of AC line voltage Vp to half of AC line
peak voltage, the circuit is powered by AC line.
+
+
CX1
Fuse
LX1
LX2
CX2
C4
C3
R6
D4
D6
D5
Figure 9: Stage C of Valley Fill Circuit
Stage D: The AC line voltage drops from half of
AC line peak voltage to the minimum value of
bus voltage Va, the C3 and C4 paralleled to
power the circuit.
+
+
CX1
Fuse
LX1
LX2
CX2
C4
C3
R6
D4
D5
D6
Figure 10: Stage D of Valley Fill Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com