Electronic Components Datasheet Search
  English  ▼

X  

MP4001 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4001
Description  Universal Input High Brightness White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4001 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4001 Datasheet HTML 6Page - Monolithic Power Systems MP4001 Datasheet HTML 7Page - Monolithic Power Systems MP4001 Datasheet HTML 8Page - Monolithic Power Systems MP4001 Datasheet HTML 9Page - Monolithic Power Systems MP4001 Datasheet HTML 10Page - Monolithic Power Systems MP4001 Datasheet HTML 11Page - Monolithic Power Systems MP4001 Datasheet HTML 12Page - Monolithic Power Systems MP4001 Datasheet HTML 13Page - Monolithic Power Systems MP4001 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP4001
– UNIVERSAL INPUT HIGH BRIGHTNESS WLED DRIVER
MP4001 Rev. 1.02
www.MonolithicPower.com
10
5/1/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
Internal Regulator
MP4001 employs a high-voltage with 500V
break down voltage JFET circuit, which allows
the universal AC line input to power the IC
directly. The MP4001 integrated a smart LDO
which conducts only when the voltage on IN pin
is lower than 24V. With such smart LDO design,
the IC power dissipation is significantly reduced
and high frequency operation is feasible. The
output waveform of VCC voltage is a sawtooth
wave when this LDO is active, the peak and
valley value of this sawtooth wave are 9.8V and
8.9V.
To avoid the risk that the VCC voltage drops
too low to cause the driving capability of DRIVE
signal, the MP4001 integrated another LDO to
regulate the VCC voltage to 8.5V. The following
figure shows the structure of internal LDO.
MP0
Active : 14V<VIN<24V
MP0
8.5V
MP1
VCC
High Voltage
Switch
9.8V
8.9V
Figure 2: Functional Block Diagram of LDO
The MP0 is the smart LDO active only when VIN
is at the range of 14V-24V and MP1 is the 8.5V
LDO.
Figure3 shows the waveform of VCC voltage in
different VCC capacitance. To design the VCC
capacitor value, the following conditions must
be satisfied:
1. The MP0 should be active every time the IN
voltage gets to 14V-24V.
2. The MP1 should NOT be active when the IN
voltage is higher than 24V to ensure the high
efficiency.
3. the VCC voltage can NOT drop to lower than
VCC UVLO value.
The following is to follow these limitations
line
VCC
Q
s
g
VCC
VCC
(9.8V 8.9V)
VCC
(9.8V 8.5V)
1
t
2*f
I
I
f *Q
VCC
C
*
I
t
 


Where, fline is frequency of AC input, IQ is the
quiescent current of MP4001, fs is switching
frequency, Qg is the total gate charge of Power
MOSFET.
For
most
application
a
10uF-22uF
VCC
capacitor is recommended.
24V
14V
8.5V
8.9V
9.8V
8.5V
8.9V
9.8V
8.9V
9.8V
8.5V
VIN
VCC
VCC
VCC
Large Cap
Mid Cap
Small Cap
Figure 3: VCC Voltage in Different Capacitance
LED Current Regulation and Valley Detection
With a floating buck converter configuration, as
shown in the typical application circuit, MP4001
turns off the MOSFETs Q1 with a peak current
control. The peak current is sensed with a
resistor Rsense and feeds back to CS pin. The
peak current is regulated as:
L _ PEAK
sense
300mV
I
R
In normal operations, MP4001 turns on Q1
when the current in the freewheeling diode
goes to zero. As a result, the average LED
current is well regulated as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com