Electronic Components Datasheet Search
  English  ▼

X  

LTC2337 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2337
Description  18-Bit/16-Bit,1Msps/500ksps/250ksps True Bipolar Low Power, Single Supply ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2337 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2337 Datasheet HTML 2Page - Linear Technology LTC2337 Datasheet HTML 3Page - Linear Technology LTC2337 Datasheet HTML 4Page - Linear Technology LTC2337 Datasheet HTML 5Page - Linear Technology LTC2337 Datasheet HTML 6Page - Linear Technology LTC2337 Datasheet HTML 7Page - Linear Technology LTC2337 Datasheet HTML 8Page - Linear Technology LTC2337 Datasheet HTML 9Page - Linear Technology LTC2337 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
dc1908af
DEMO MANUAL DC1908A
DC1980A JUMPERS
Definitions
JP1 – EEPROM For Factory use only. Should be left in
the WP position.
JP2 – REF selects whether the LTC2338-18 internal refer-
ence or an external reference voltage is used. The default
setting is internal.
JP3 – VCCIO sets the output levels at P1 to either 3.3V
or 2.5V. Use 3.3V to interface to the DC718 which is the
default setting.
DC1980A SETUP
Figure 5. DC1908A QuikEval Screen Shot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com