Electronic Components Datasheet Search
  English  ▼

X  

LTC2337 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2337
Description  18-Bit/16-Bit,1Msps/500ksps/250ksps True Bipolar Low Power, Single Supply ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2337 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2337 Datasheet HTML 3Page - Linear Technology LTC2337 Datasheet HTML 4Page - Linear Technology LTC2337 Datasheet HTML 5Page - Linear Technology LTC2337 Datasheet HTML 6Page - Linear Technology LTC2337 Datasheet HTML 7Page - Linear Technology LTC2337 Datasheet HTML 8Page - Linear Technology LTC2337 Datasheet HTML 9Page - Linear Technology LTC2337 Datasheet HTML 10Page - Linear Technology LTC2337 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
dc1908af
DEMO MANUAL DC1908A
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
1
12
C1, C2, C3, C4, C5, C7, C10, C13, C14,
C15, C16, C56
CAP., X7R, 0.1µF, 16V 10% 0603
NIC, NMC0603X7R104K16TRPF
2
6
C6, C9, C24, C26, C29, C48
CAP., X5R, 10µF, 6.3V 20% 0603
NIC, NMC0603X5R106M6.3TRPF4KF
3
2
C8, C45
CAP., X7R, 1µF, 16V 10% 0603
NIC, NMC0603X7R105K16TRPF
4
1
C11
CAP., X5R, 10µF, 10V 20% 0603
SAMSUNG, CL10A106MP8NNNC
5
6
C12, C17, C41, C43, C57, C60
CAP., X7R, 0.1µF, 25V 20% 0603
TDK, C1608X7R1E104M
6
0
C18, C42, C47, C58, C61
CAP., OPT, 0603
OPTION
7
0
C19
CAP., OPT, 0805
OPTION
8
1
C20
CAP., X7R, 47µF, 10V 10% 1210
MURATA, GRM32ER71A476KE15L
9
1
C21
CAP., X5R, 22µF, 25V 20% 1210
MURATA, GRM32ER61E226ME15
10
6
C22, C25, C28, C44, C51, C54
CAP., X7R, 1µF, 25V 10% 0603
TDK, C1608X7R1E105K
11
3
C23, C27, C30
CAP., X7R, 0.01µF, 6.3V 10% 0603
MURATA, GRM188R70J103KA01D
12
8
C31, C32, C33, C34, C35, C36, C37, C38 CAP., X7R, 0.1µF, 16V 10% 0402
NIC, NMC0402X7R104K16TRPF
13
0
C39, C40
CAP., OPT, 1206
OPTION
14
1
C46
CAP., X5R, 2.2µF, 10V 10% 0603
MURATA, GRM188R61A225KE34D
15
1
C49
CAP., NP0, 100pF, 25V 10% 0603
AVX, 06033A101KAT4A
16
1
C50
CAP., X7R, 0.01µF, 25V 10% 0603
MURATA, GRM188R71E103KA01D
17
2
C52, C53
CAP., X5R, 10µF, 25V 10% 0805
MURATA, GRM21BR61E106KA73L
18
2
C55, C59
CAP., X5R, 1µF, 50V 10% 0603
TDK, C1608X5R1H105KT
19
5
E1, E2, E4, E5, E9
TEST POINT, TURRET, 0.061
MILL-MAX, 2308-2-00-80-00-00-07-0
20
4
E3, E6, E7, E8
TEST POINT, TURRET, 0.094, PBF
MILL- MAX, 2501-2-00-80-00-00-07-0
21
3
JP1, JP2, JP3
3-PIN SINGLE ROW HEADER, .100
SAMTEC, TSW-103-07-L-S
22
3
J1, J4, J6
CONNECTOR, BNC
CONNEX, 112404
23
1
J3
HEADER, 2X7, 0.079"
MOLEX, 87831-1420
24
1
J5
HEADER, 2X5, 0.100"
SAMTEC, TSW-105-07-L-D
25
4
MH1, MH2, MH3, MH4
STANDOFF, NYLON 0.25"
KEYSTONE, 8831 (SNAP ON)
26
1
P1
CONNECTOR, 40 PINS, SMT
SAMTEC, TSW-120-07-L-D
27
4
R1, R3, R4, R8
RES., CHIP, 33Ω, 1/10W, 5% 0603
PANASONIC, ERJ-3GEYJ330V
28
7
R2, R6, R19, R24, R29, R43, R45
RES., CHIP, 1k, 1/10W, 1% 0603
YAGEO, RC0603JR-071KL
29
1
R5
RES., CHIP, 49.9Ω, 1/4W, 1% 1206
VISHAY, CRCW120649R9FKEA
30
2
R7, R13
RES., CHIP, 1k, 1/10W, 5% 0603
YAGEO, RC0603JR-071KL
31
6
R9, R14, R32, R33, R36, R39
RES., CHIP, 0Ω, 1/10W, 0603
PANASONIC, ERJ-3GEY0R00V
32
4
R10, R11, R12, R40
RES., CHIP, 4.99k, 1/10W, 1% 0603
PANASONIC, ERJ-3EKF4991V
33
0
R15, R31, R34, R37, R38
RES., CHIP, OPT, 0603
OPTION
34
1
R17
RES., CHIP, 2k, 1/10W, 5% 0603
PANASONIC, ERJ-3GEYJ202V
35
1
R18
RES., CHIP, 249Ω, 1/10W, 1% 0603
YAGEO, RC0603FR-07249RL
36
3
R20, R22, R23
RES., CHIP, 1k, 1/16W, 5% 0402
YAGEO, RC0402JR-071KL
37
1
R21
RES., CHIP, 10k, 1/16W, 5% 0603
AAC, CR16-103JM
38
1
R25
RES., CHIP, 1.69k, 1/10W, 1% 0603
PANASONIC, ERJ-3EKF1691V
39
1
R26
RES., CHIP, 1.54k, 1/10W, 1% 0603
YAGEO, RC0603FR-071K54L
40
1
R27
RES., CHIP, 2.8k, 1/10W, 1% 0603
YAGEO, RC0603FR-072K8L
41
2
R28, R42
RES., CHIP, 11.5k, 1/10W, 1% 0603
YAGEO, RC0603FR-0711K5L
42
1
R30
RES., CHIP, 10k, 1/16W, 5% 0402
AAC, CR05-103JM
43
1
R46
RES., CHIP, 6.19k, 1/10W, 1% 0603
Vishay, CRCW06036K19FKEA
44
1
R47
RES., CHIP, 33Ω, 1/16W, 5% 0402
PANASONIC, ERJ-2GEJ330X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com