Electronic Components Datasheet Search
  English  ▼

X  

LTC2337 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2337
Description  18-Bit/16-Bit,1Msps/500ksps/250ksps True Bipolar Low Power, Single Supply ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2337 Datasheet(HTML) 4 Page - Linear Technology

  LTC2337 Datasheet HTML 1Page - Linear Technology LTC2337 Datasheet HTML 2Page - Linear Technology LTC2337 Datasheet HTML 3Page - Linear Technology LTC2337 Datasheet HTML 4Page - Linear Technology LTC2337 Datasheet HTML 5Page - Linear Technology LTC2337 Datasheet HTML 6Page - Linear Technology LTC2337 Datasheet HTML 7Page - Linear Technology LTC2337 Datasheet HTML 8Page - Linear Technology LTC2337 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
dc1908af
DEMO MANUAL DC1908A
DC1908A SETUP
Data Collection
For SINAD, THD or SNR testing a low noise, low distortion
generator such as the Stanford Research DS360 should
be used. A low jitter RF oscillator such as the Rohde &
Schwarz SMB100A is used as the clock source. This demo
board is tested in house by attempting to duplicate the
FFT plot shown on the front page of the LTC2338-18 data
sheet. This involves using a 62MHz clock source, along
with a sinusoidal generator at a frequency of 2.0kHz. The
input signal level is approximately –1dBFS. A typical FFT
obtained with DC1908A is shown in Figure 4. Note that
to calculate the real SNR, the signal level (F1 amplitude =
–1.030dB) has to be added back to the SNR that PScope
displays. With the example shown in Figure 4 this means
that the actual SNR would be 99.54dB instead of the
98.51dB that PScope displays. Taking the RMS sum of the
recalculated SNR and the THD yields a SINAD of 99.27dB
which is fairly close to the typical number for this ADC.
Figure 4. DC1908A PScope Screen Shot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com