Electronic Components Datasheet Search
  English  ▼

X  

LTC2337 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2337
Description  18-Bit/16-Bit,1Msps/500ksps/250ksps True Bipolar Low Power, Single Supply ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2337 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2337 Datasheet HTML 4Page - Linear Technology LTC2337 Datasheet HTML 5Page - Linear Technology LTC2337 Datasheet HTML 6Page - Linear Technology LTC2337 Datasheet HTML 7Page - Linear Technology LTC2337 Datasheet HTML 8Page - Linear Technology LTC2337 Datasheet HTML 9Page - Linear Technology LTC2337 Datasheet HTML 10Page - Linear Technology LTC2337 Datasheet HTML 11Page - Linear Technology LTC2337 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
dc1908af
DEMO MANUAL DC1908A
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
45
2
U2, U4
IC, UNBUFFERED INVERTER, SC70-5
FAIRCHILD, NC7SVU04P5X
46
1
U3
IC, D FLIP-FLOP, US8
ON SEMI., NL17SZ74USG
47
3
U5, U13, U16
IC, MICROPOWER REGULATOR, SO-8
LINEAR TECH., LT1763CS8#PBF
48
1
U6
IC, SINGLE SPST BUS SWITCH, SC70-5
FAIRCHILD, NC7SZ66P5X
49
1
U7
IC, SERIAL EEPROM, TSSOP
MICROCHIP, 24LC024-I/ST
50
2
U8, U9
IC, UHS INVERTER, SC70-5
FAIRCHILD, NC7SZ04P5X
51
1
U10
IC, DUAL OP-AMP
LINEAR TECH., LT1469CS8#PBF
52
1
U11
IC, MAX II CPLD, TQFP100
ALTERA, EPM240GT100C5N
53
1
U12
IC, MICROPOWER REGULATOR, SO-8
LINEAR TECH., LT1763CS8-1.8#PBF
54
1
U14
IC, MICROPOWER REGULATOR, SO-8
LINEAR TECH., LT1763CS8-5#PBF
55
1
U15
IC, VOLTAGE REFERENCE, MSOP
LINEAR TECH., LTC6655BHMS8-5#PBF
56
1
U17
IC, MICROPOWER NEG. REGULATOR, SOT-23
LINEAR TECH., LT1964ES5-SD#PBF
57
3
XJP1, XJP2, XJP3
SHUNT, 0.100
SAMTEC, SNT-100-BK-G
58
1
STENCIL SET (TOP & BOTTOM)
STENCIL 1908A
59
1
FAB, PRINTED CIRCUIT BOARD
DEMO CIRCUIT 1908A (REV2)
DC1908A-A
1
1
GENERAL BOM
DC1908A
2
1
U1
LOW POWER, LOW NOISE ADC
LINEAR TECH., LTC2338CMS-18
3
0
R16
RE., CHIP, OPT, 0603
OPTION
4
1
R35
RES., CHIP, 0Ω, 1/10W, 0603
PANASONIC, ERJ-3GEY0R00V
5
1
R41
RES., CHIP, 4.99k, 1/10W, 1% 0603
PANASONIC, ERJ-3EKF4991V
6
1
R44
RES., CHIP, 300Ω, 1/16W, 5% 0402
YAGEO, RC0402JR-07300RL
7
1
FAB, PRINTED CIRCUIT BOARD
DEMO CIRCUIT 1908A
DC1908A-B
1
1
GENERAL BOM
DC1908A
2
1
U1
LOW POWER, LOW NOISE ADC
LINEAR TECH., LTC2337CMS-18
3
0
R16
RE., CHIP, OPT, 0603
OPTION
4
1
R35
RES., CHIP, 0Ω, 1/10W, 0603
PANASONIC, ERJ-3GEY0R00V
5
1
R41
RES., CHIP, 4.99k, 1/10W, 1% 0603
PANASONIC, ERJ-3EKF4991V
6
1
R44
RES., CHIP, 300Ω, 1/16W, 5% 0402
YAGEO, RC0402JR-07300RL
7
1
FAB, PRINTED CIRCUIT BOARD
DEMO CIRCUIT 1908A
DC1908A-C
1
1
GENERAL BOM
DC1908A
2
1
U1
LOW POWER, LOW NOISE ADC
LINEAR TECH., LTC2336CMS-18
3
0
R16
RE., CHIP, OPT, 0603
OPTION
4
1
R35
RES., CHIP, 0Ω, 1/10W, 0603
PANASONIC, ERJ-3GEY0R00V
5
1
R41
RES., CHIP, 4.99k, 1/10W, 1% 0603
PANASONIC, ERJ-3EKF4991V
6
1
R44
RES., CHIP, 300Ω, 1/16W, 5% 0402
YAGEO, RC0402JR-07300RL
7
1
FAB, PRINTED CIRCUIT BOARD
DEMO CIRCUIT 1908A
DC1908A-D
1
1
GENERAL BOM
DC1908A
2
1
U1
LOW POWER, LOW NOISE ADC
LINEAR TECH., LTC2328CMS-18
3
1
R16
RES., CHIP, 0Ω, 1/10W, 0603
PANASONIC, ERJ-3GEY0R00V
4
0
R35
RE., CHIP, OPT, 0603
OPTION
5
0
R41
RE., CHIP, OPT, 0603
OPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com