Electronic Components Datasheet Search
  English  ▼

X  

LTC2337 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2337
Description  18-Bit/16-Bit,1Msps/500ksps/250ksps True Bipolar Low Power, Single Supply ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2337 Datasheet(HTML) 3 Page - Linear Technology

  LTC2337 Datasheet HTML 1Page - Linear Technology LTC2337 Datasheet HTML 2Page - Linear Technology LTC2337 Datasheet HTML 3Page - Linear Technology LTC2337 Datasheet HTML 4Page - Linear Technology LTC2337 Datasheet HTML 5Page - Linear Technology LTC2337 Datasheet HTML 6Page - Linear Technology LTC2337 Datasheet HTML 7Page - Linear Technology LTC2337 Datasheet HTML 8Page - Linear Technology LTC2337 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
dc1908af
DEMO MANUAL DC1908A
DC1908A SETUP
DC Power
The DC1908A requires ±16VDC and draws approximately
100mA from the positive supply. Most of this supply cur-
rent is consumed by the CPLD, op amps, regulators and
discrete logic on the board. The +16VDC input voltage
powers the ADC through LT1763 regulators which pro-
vide protection against accidental reverse bias. Additional
regulators provide power for the CPLD and op amps. See
Figure 1 for connection details.
Clock Source
You must provide a low jitter 3.3VP-P sine or square wave
to CLK IN. The clock input is AC coupled so the DC level
of the clock signal is not important. A clock source like
the Rohde & Schwarz SMB100A is recommended. Even
a good generator can start to produce noticeable jitter at
low frequencies. Therefore it is recommended for lower
sample rates to divide down a higher frequency clock to
the desired sample rate. The ratio of clock frequency to
conversion rate is 62:1 for 18-bit parts and 50:1 for 16-
bit parts. If the clock input is to be driven with logic, it is
recommended that the 50Ω terminator (R5) be removed.
Slow rising edges may compromise the SNR of the con-
verter in the presence of high amplitude higher frequency
input signals.
Analog Input
The default setup for the DC1908A requires that only AIN+
is driven. Versions A, B and C of the DC1908A convert the
single-ended signal at AIN+ to a fully-differential signal
that is then fed to the ADC as shown in Figure 2. Single-
ended versions D, E, F, G, H and I simply buffer the signal
applied at AIN+ and feed it to the ADC as shown in Figure 3.
To bypass the single-ended-to-differential converter or
buffer, disable amplifier U10 by moving R32 and R35 to
R31 and R38 respectively. Disabling U10 will require that
both AIN+ and AIN– be driven with a low output imped-
ance signal source.
Data Output
Parallel data output from this board (0V to 3.3V default),
if not connected to the DC718, can be acquired by a logic
analyzer, and subsequently imported into a spreadsheet,
or mathematical package depending on what form of
digital signal processing is desired. Alternatively, the
data can be fed directly into an application circuit. Use
CLKOUT (Pin 3) of P1 to latch the data. The data can be
latched using either edge of this signal. The data output
signal levels at P1 can also be reduced to 0V to 2.5V if
the application circuit cannot tolerate the higher voltage.
This is accomplished by moving the VCCIO jumper (JP3)
to the 2.5V position.
Reference
The default reference is the LTC2338-18 4.096V internal
reference. The LTC6655 5V external reference can be used
by adding R37 and moving the REF jumper (JP2) to the
EXT position. This will increase the input range at AIN+
and AIN– to ±12.5V. Also, an external reference can be
used by removing R37 and applying a reference voltage
to the VREF (E3) terminal with the REF jumper in the EXT
position. If an external reference is used it must settle
quickly in the presence of glitches on the REF pin. The
analog input range for an external reference is ±2.5 • VREF.
Figure 2. Single-Ended to Differential Converter
Figure 3. Single-Ended Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com