Electronic Components Datasheet Search
  English  ▼

X  

LTC2337 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2337
Description  18-Bit/16-Bit,1Msps/500ksps/250ksps True Bipolar Low Power, Single Supply ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2337 Datasheet(HTML) 5 Page - Linear Technology

  LTC2337 Datasheet HTML 1Page - Linear Technology LTC2337 Datasheet HTML 2Page - Linear Technology LTC2337 Datasheet HTML 3Page - Linear Technology LTC2337 Datasheet HTML 4Page - Linear Technology LTC2337 Datasheet HTML 5Page - Linear Technology LTC2337 Datasheet HTML 6Page - Linear Technology LTC2337 Datasheet HTML 7Page - Linear Technology LTC2337 Datasheet HTML 8Page - Linear Technology LTC2337 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
dc1908af
DEMO MANUAL DC1908A
DC1908A SETUP
There are a number of scenarios that can produce mis-
leading results when evaluating an ADC. One that is
common is feeding the converter with a frequency, that
is a sub-multiple of the sample rate, and which will only
exercise a small subset of the possible output codes.
The proper method is to pick an M/N frequency for the
input sine wave frequency. N is the number of samples
in the FFT. M is a prime number between one and N/2.
Multiply M/N by the sample rate to obtain the input sine
wave frequency. Another scenario that can yield poor
results is if you do not have a signal generator capable of
ppm frequency accuracy or if it cannot be locked to the
clock frequency. You can use an FFT with windowing to
reduce the “leakage” or spreading of the fundamental, to
get a close approximation of the ADC performance. If an
amplifier or clock source with poor phase noise is used,
the windowing will not improve the SNR.
Layout
As with any high performance ADC, this part is sensitive
to layout. The area immediately surrounding the ADC on
theDC1908Ashouldbeusedasaguidelineforplacement,
and routing of the various components associated with
the ADC. Here are some things to remember when lay-
ing out a board for the LTC2338-18. A ground plane is
necessarytoobtainmaximumperformance.Keepbypass
capacitors as close to supply pins as possible. Use indi-
vidual low impedance returns for all bypass capacitors.
Use of a symmetrical layout around the analog inputs will
minimize the effects of parasitic elements. Shield analog
input traces with ground to minimize coupling from other
traces. Keep traces as short as possible.
Component Selection
When driving a low noise, low distortion ADC such as
the LTC2338-18, component selection is important so
as to not degrade performance. Resistors should have
low values to minimize noise and distortion. Metal film
resistors are recommended to reduce distortion caused
by self heating. Because of their low voltage coefficients,
to further reduce distortion NPO or silver mica capacitors
should be used. Any buffer used to drive the LTC2338-18
should have low distortion, low noise and a fast settling
time such as the LT1469.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com