Electronic Components Datasheet Search
  English  ▼

X  

LTC2337 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2337
Description  18-Bit/16-Bit,1Msps/500ksps/250ksps True Bipolar Low Power, Single Supply ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2337 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2337 Datasheet HTML 4Page - Linear Technology LTC2337 Datasheet HTML 5Page - Linear Technology LTC2337 Datasheet HTML 6Page - Linear Technology LTC2337 Datasheet HTML 7Page - Linear Technology LTC2337 Datasheet HTML 8Page - Linear Technology LTC2337 Datasheet HTML 9Page - Linear Technology LTC2337 Datasheet HTML 10Page - Linear Technology LTC2337 Datasheet HTML 11Page - Linear Technology LTC2337 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
dc1908af
DEMO MANUAL DC1908A
PARTS LIST
ITEM
QTY REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
6
1
R44
RES., CHIP, 300Ω, 1/16W, 5% 0402
YAGEO, RC0402JR-07300RL
7
1
FAB, PRINTED CIRCUIT BOARD
DEMO CIRCUIT 1908A
DC1908A-E
1
1
GENERAL BOM
DC1908A
2
1
U1
LOW POWER, LOW NOISE ADC
LINEAR TECH., LTC2327CMS-18
3
1
R16
RES., CHIP, 0Ω, 1/10W, 0603
PANASONIC, ERJ-3GEY0R00V
4
0
R35
RE., CHIP, OPT, 0603
OPTION
5
0
R41
RE., CHIP, OPT, 0603
OPTION
6
1
R44
RES., CHIP, 300Ω, 1/16W, 5% 0402
YAGEO, RC0402JR-07300RL
7
1
FAB, PRINTED CIRCUIT BOARD
DEMO CIRCUIT 1908A
DC1908A-F
1
1
GENERAL BOM
DC1908A
2
1
U1
LOW POWER, LOW NOISE ADC
LINEAR TECH., LTC2326CMS-18
3
1
R16
RES., CHIP, 0Ω, 1/10W, 0603
PANASONIC, ERJ-3GEY0R00V
4
0
R35
RE., CHIP, OPT, 0603
OPTION
5
0
R41
RE., CHIP, OPT, 0603
OPTION
6
1
R44
RES., CHIP, 300Ω, 1/16W, 5% 0402
YAGEO, RC0402JR-07300RL
7
1
FAB, PRINTED CIRCUIT BOARD
DEMO CIRCUIT 1908A
DC1908A-G
1
1
GENERAL BOM
DC1908A
2
1
U1
LOW POWER, LOW NOISE ADC
LINEAR TECH., LTC2328CMS-16
3
1
R16
RES., CHIP, 0Ω, 1/10W, 0603
PANASONIC, ERJ-3GEY0R00V
4
0
R35
RE., CHIP, OPT, 0603
OPTION
5
0
R41
RE., CHIP, OPT, 0603
OPTION
6
1
R44
RES., CHIP, 0402
OPTION
7
1
FAB, PRINTED CIRCUIT BOARD
DEMO CIRCUIT 1908A
DC1908A-H
1
1
GENERAL BOM
DC1908A
2
1
U1
LOW POWER, LOW NOISE ADC
LINEAR TECH., LTC2327CMS-16
3
1
R16
RES., CHIP, 0Ω, 1/10W, 0603
PANASONIC, ERJ-3GEY0R00V
4
0
R35
RE., CHIP, OPT, 0603
OPTION
5
0
R41
RE., CHIP, OPT, 0603
OPTION
6
1
R44
RES., CHIP, 0402
OPTION
7
1
FAB, PRINTED CIRCUIT BOARD
DEMO CIRCUIT 1908A
DC1908A-I
1
1
GENERAL BOM
DC1908A
2
1
U1
LOW POWER, LOW NOISE ADC
LINEAR TECH., LTC2326CMS-16
3
1
R16
RES., CHIP, 0Ω, 1/10W, 0603
PANASONIC, ERJ-3GEY0R00V
4
0
R35
RE., CHIP, OPT, 0603
OPTION
5
0
R41
RE., CHIP, OPT, 0603
OPTION
6
1
R44
RES., CHIP, 0402
OPTION
7
1
FAB, PRINTED CIRCUIT BOARD
DEMO CIRCUIT 1908A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com