Electronic Components Datasheet Search
  English  ▼

X  

MPQ4485 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MPQ4485
Description  36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4485 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MPQ4485 Datasheet HTML 12Page - Monolithic Power Systems MPQ4485 Datasheet HTML 13Page - Monolithic Power Systems MPQ4485 Datasheet HTML 14Page - Monolithic Power Systems MPQ4485 Datasheet HTML 15Page - Monolithic Power Systems MPQ4485 Datasheet HTML 16Page - Monolithic Power Systems MPQ4485 Datasheet HTML 17Page - Monolithic Power Systems MPQ4485 Datasheet HTML 18Page - Monolithic Power Systems MPQ4485 Datasheet HTML 19Page - Monolithic Power Systems MPQ4485 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
MPQ4485
– STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS
MPQ4485 Rev.1.0
www.MonolithicPower.com
16
9/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The auto-detect function is a state machine that
supports all of the DCP charging schemes
above. Connect DP and DM with a 150
Ω
resistor for DCP mode.
CDP Mode
USB2 supports dynamically selectable DCP or
CDP mode. Float MODE to set USB2 to DCP
mode. Pull MODE low to set USB2 to CDP
mode.
To
achieve
better
data
transmission
performance,
use
USB2
CDP
mode
for
handshaking and bypass DP to DP_OUT only.
DM to DM_OUT switches internally (see Figure
8).
DM2
DP2
Type-
A
DM2_OUT
DP2_OUT
To HOST
Controller
MPQ4485
R3, 1kΩ
L3,Bead,
1kΩ@100MHz
Figure 8: Data Transmission Enhanced Set-Up
Type-C Plug Orientation Indication (POL)
POL is an open-drain output that indicates the
Type-C plug's orientation. When POL is low,
CC1 is used as the CC pin. When POL is high,
CC2 is used as the CC pin.
USB Type-C Mode and VCONN
For USB Type-C solutions, two pins (CC1, CC2)
on the connector are used to establish and
manage the source-to-sink connection. The
general
concept
for
setting
up
a
valid
connection between a source and sink is based
on being able to detect terminations residing in
the product being attached. To aid in defining
the functional behavior of CC, a pull-up (Rp)
and pull-
down (Rd 5.1kΩ) termination model is
used based on a pull-up resistor and pull-down
resistor (see Figure 9).
Figure 9: Current Source/Pull-Down CC Model
Initially, a source exposes independent Rp
terminations on its CC1 and CC2 pins, and a
sink exposes independent Rd terminations on
its CC1 and CC2 pins, the source-to-sink
combination
of
this
circuit
configuration
represents a valid connection. To detect this,
the source monitors CC1 and CC2 for a voltage
lower than its unterminated voltage. The choice
of Rp is a function of the pull-up termination
voltage and the
source’s detection circuit. This
indicates that either a sink, a powered cable, or
a sink connected via a powered cable has been
attached.
Prior to the application of VCONN, a powered
cable exposes Ra (typically
1kΩ) on its VCONN.
Ra represents the load on VCONN plus any
resistive elements to ground. In some cable
plugs, this might be pure resistance, and in
others, it may be simply the load.
The source must be able to differentiate
between the presence of Rd and Ra to know
whether there is a sink attached and where to
apply VCONN. The source is not required to
source VCONN unless Ra is detected.
Two special termination combinations on the
CC pins as seen by a source are defined for
directly attached accessory modes: Ra/Ra for
audio adapter accessory mode and Rd/Rd for
debug accessory mode (see Figure 10 and
Table 1).
Figure 10: CC Functional Block
A port that behaves as a source has the
following functional characteristics.
1. The source uses a MOSFET to enable or
disable power delivery across VBUS. Initially,
the source is disabled.
2. The source supplies pull-up resistors (Rp)
on CC1 and CC2 and monitors both to
detect a sink. The presence of an Rd pull-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com