Electronic Components Datasheet Search
  English  ▼

X  

MPQ4485 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPQ4485
Description  36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4485 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MPQ4485 Datasheet HTML 3Page - Monolithic Power Systems MPQ4485 Datasheet HTML 4Page - Monolithic Power Systems MPQ4485 Datasheet HTML 5Page - Monolithic Power Systems MPQ4485 Datasheet HTML 6Page - Monolithic Power Systems MPQ4485 Datasheet HTML 7Page - Monolithic Power Systems MPQ4485 Datasheet HTML 8Page - Monolithic Power Systems MPQ4485 Datasheet HTML 9Page - Monolithic Power Systems MPQ4485 Datasheet HTML 10Page - Monolithic Power Systems MPQ4485 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
MPQ4485
– STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS
MPQ4485 Rev.1.0
www.MonolithicPower.com
7
9/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VEN = 5V, TJ = -40°C to +125°C (6), typical value is tested at TJ = +25°C, unless otherwise
noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
CDP (MODE)
MODE logic high voltage
VMODE_H
MODE
has 1MΩ pull-up resistor
to internal VDD
2
V
MODE logic low voltage
VMODE_L
0.7
V
DM CDP output voltage
VDM_SRC
VDP = 0.6V
0.5
0.6
0.7
V
DP rising lower window
threshold for VDM_SRC activation
VDAT_RE
0.25
0.3
0.4
V
DP rising lower window
threshold hysteresis for
VDM_SRC activation
VDAT_RE_HYS
100
mV
DP rising upper window
threshold for VDM_SRC
deactivation
VLGC_SRC
0.8
0.9
1
V
DP rising upper window
threshold hysteresis for
VDM_SRC deactivation
VLGC_SRC_HYS
150
mV
VDM_SRC on/off deglitch time
VDM_SRC_Deglit
ch
5
ms
RDP_Down, RDM_Down
RDP/DM_Down
14.25
19.5
24.8
kΩ
DP/DM switch on resistance
RON_DP/DM
2
Ω
DP to DP_OUT SW on cap (7)
CDP
Same for DM switch
5.3
pF
3dB bandwidth of analog data
SW (7)
500
MHz
NOTES:
6) All min/max parameters are tested at TJ = 25
oC. Limits over temperature are guaranteed by design, characterization and correlation.
7) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com