Electronic Components Datasheet Search
  English  ▼

X  

MPQ4485 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ4485
Description  36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4485 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ4485 Datasheet HTML 1Page - Monolithic Power Systems MPQ4485 Datasheet HTML 2Page - Monolithic Power Systems MPQ4485 Datasheet HTML 3Page - Monolithic Power Systems MPQ4485 Datasheet HTML 4Page - Monolithic Power Systems MPQ4485 Datasheet HTML 5Page - Monolithic Power Systems MPQ4485 Datasheet HTML 6Page - Monolithic Power Systems MPQ4485 Datasheet HTML 7Page - Monolithic Power Systems MPQ4485 Datasheet HTML 8Page - Monolithic Power Systems MPQ4485 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
MPQ4485
36V, 6A, Step-Down Converter
with Dual USB Charging Ports Supporting
Type-C 5V @ 3A DFP Mode and BC1.2 CDP Mode
for Automotive, AEC-Q100 Qualified
MPQ4485 Rev.1.0
www.MonolithicPower.com
1
9/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MPQ4485 integrates a monolithic, step-
down, switch-mode converter with two USB
current-limit
switches
and
charging
port
identification circuitry. The MPQ4485 achieves
6A of output current with excellent load and line
regulation over a wide input supply range.
The output of the USB switch is current-limited.
USB1 supports DCP schemes for battery
charging specification (BC1.2), divider mode,
1.2V/1.2V mode, and USB Type-C 5V @ 3A
DFP mode, eliminating the need for outside
user interaction. USB2 supports DCP and CDP
schemes.
Full protection features include hiccup current
limiting, output over-voltage protection (OVP),
and thermal shutdown.
The MPQ4485 requires a minimal number of
readily
available,
standard,
external
components and is available in a QFN-26
(5mmx5mm) package.
FEATURES
 Wide 6V to 36V Operating Input Voltage
Range
 Fixed 5.17V Output Voltage
 90mV Line Drop Compensation
 Accurate USB1/USB2 Output Current Limit
 18mΩ/15mΩ Low R
DS(ON) Internal Buck
Power MOSFETs
 18mΩ/18mΩ Low R
DS(ON) Internal
USB1/USB2 Power MOSFETs
 450kHz Switching Frequency
 Forced CCM Operation
 Load Shedding versus Temperature for
MPQ4485GU-LS-AEC1
 USB Output Over-Voltage Protection (OVP)
 Fast Over-Current Response for USB
Switch
 Hiccup Current Limit
 Supports DCP Schemes for BC1.2, Divider
Mode, and 1.2V/1.2V Mode
 USB1 Supports USB Type-C 5V @ 3A
Mode, USB2 Supports CDP Mode
 ±8kV HBM ESD Rating for USB, DP, DM,
DP_OUT, and DM_OUT
 Available in a QFN-26 (5mmx5mm)
Package
 Available in AEC-Q100 Grade 1
APPLICATIONS
 USB Charging Downstream Port (CDP)
 USB Dedicated Charging Ports (DCP)
 USB Type-C Charging Port
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”
and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MPQ4485

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MPQ4480 MPSIND-MPQ4480 Datasheet
637Kb / 22P
6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
Rev. 1.0 7/2/2019
MPQ4480GV-AEC1 MPSIND-MPQ4480GV-AEC1 Datasheet
637Kb / 22P
6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
Rev. 1.0 7/2/2019
MPQ4480GV-FD-AEC1 MPSIND-MPQ4480GV-FD-AEC1 Datasheet
637Kb / 22P
6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
Rev. 1.0 7/2/2019
logo
Monolithic Power System...
MPQ4487 MPS-MPQ4487 Datasheet
1,021Kb / 24P
36V, 6A, Step-Down Converter with Programmable Frequency and Spread Spectrum Option, Dual USB Charging Ports Supporting EN, Fault Indication, and Type-C 5V 3A DFP Mode for Automotive, AEC-Q100 Qualified
MPQ4487GU-AEC1 MPS-MPQ4487GU-AEC1 Datasheet
1,021Kb / 24P
36V, 6A, Step-Down Converter with Programmable Frequency and Spread Spectrum Option, Dual USB Charging Ports Supporting EN, Fault Indication, and Type-C 5V 3A DFP Mode for Automotive, AEC-Q100 Qualified
More results

Similar Description - MPQ4485

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ4423 MPS-MPQ4423 Datasheet
618Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4423A MPS-MPQ4423A Datasheet
2Mb / 20P
3A, 36V, High-Efficiency, Synchronous, Step-Down Converter AEC-Q100 Qualified
MPQ4423H MPS-MPQ4423H Datasheet
649Kb / 18P
High Efficiency 3A, 36V, Synchronous Step Down Converter AEC-Q100 Qualified
MPQ4475M MPS-MPQ4475M Datasheet
618Kb / 17P
36V, 2.5A, Frequency Selectable, Step-Down Converter with Single USB Charging Port AEC-Q100 Qualified
MPQ4487 MPS-MPQ4487 Datasheet
1,021Kb / 24P
36V, 6A, Step-Down Converter with Programmable Frequency and Spread Spectrum Option, Dual USB Charging Ports Supporting EN, Fault Indication, and Type-C 5V 3A DFP Mode for Automotive, AEC-Q100 Qualified
MPQ4488 MPS-MPQ4488 Datasheet
992Kb / 23P
36V, 6A, Step-Down Converter with Programmable Frequency and Spread Spectrum Option, Dual USB Charging Ports Supporting DCP and Type-C 5V @ 3A DFP Mode for Automotive, AEC-Q100 Qualified
MPQ2451-5-AEC1 MPS-MPQ2451-5-AEC1 Datasheet
1Mb / 18P
36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
MPQ4228-C MPS-MPQ4228-C Datasheet
1Mb / 31P
3A, 36V, Step-Down Converter with USB Charging Port Supporting CDP and Type-C 5V @ 3A DFP Mode, AEC-Q100 Qualified
Rev. 1.0 1/12/2021
logo
MPS Industries, Inc.
MPQ4480 MPSIND-MPQ4480 Datasheet
637Kb / 22P
6A, 36V, Step-Down Converter for Automotive, AEC-Q100 Qualified
Rev. 1.0 7/2/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com