Electronic Components Datasheet Search
  English  ▼

X  

MPQ4485 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPQ4485
Description  36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4485 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPQ4485 Datasheet HTML 2Page - Monolithic Power Systems MPQ4485 Datasheet HTML 3Page - Monolithic Power Systems MPQ4485 Datasheet HTML 4Page - Monolithic Power Systems MPQ4485 Datasheet HTML 5Page - Monolithic Power Systems MPQ4485 Datasheet HTML 6Page - Monolithic Power Systems MPQ4485 Datasheet HTML 7Page - Monolithic Power Systems MPQ4485 Datasheet HTML 8Page - Monolithic Power Systems MPQ4485 Datasheet HTML 9Page - Monolithic Power Systems MPQ4485 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MPQ4485
– STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS
MPQ4485 Rev.1.0
www.MonolithicPower.com
6
9/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VEN = 5V, TJ = -40°C to +125°C (6), typical value is tested at TJ = +25°C, unless otherwise
noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
USB OVP clamp
VUSB_OV
5.3
5.6
5.9
V
Current limit
ILimit1
VOUT drop 10%, Type-C mode,
TJ = +25°C
-6%
3.55
6%
A
ILimit2
VOUT drop 10%, Type-A mode,
TJ = +25°C
2.6
2.75
2.9
Line drop compensation
VDROP_COM
IOUT = 2.4A, VOUT = 5V
40
90
140
mV
VBUS soft-start time
TSS
VOUT = 5V, from 10% to 90%
1
2
3
ms
Hiccup mode on time
THICP_ON
VOUT = 5V, OC, VOUT drop 10%,
TJ = +25°C
3.5
5
6.5
ms
VOUT = 5V, OC, VOUT drop 10%,
TJ = -40°C to +125°C
3
5
7
Hiccup mode off time
THICP_OFF
VBUS connected to GND
1
2
3
s
BC1.2 DCP Mode
DP and DM short resistance
RDP/DM_Short
VDP = 0.8V, IDM = 1mA,
TJ = +25°C
85
155
Ω
VDP = 0.8V, IDM = 1mA,
TJ = -40°C to +125°C
85
160
Divider Mode
DP/DM output voltage
VDP/DM_Divider VOUT = 5V
2.55
2.7
2.85
V
DP/DM output impedance
RDP/DM_Divider
TJ = +25°C
14
22
30
k
Ω
TJ = -40°C to +125°C
12
22
34
1.2V/1.2V Mode
DP/DM output voltage
VDP/DM_1.2V
VOUT = 5V, TJ = +25°C
1.12
1.2
1.28
V
VOUT = 5V, TJ = -40°C to +125°C
1.1
1.2
1.3
DP/DM output impedance
RDP/DM_1.2V
TJ = +25°C
70
105
140
k
Ω
TJ = -40°C to +125°C
60
105
150
USB Type-C 5V @ 3A Mode (CC1, CC2)
CC resistor to disable Type-C
mode
RA
CC1 pin, for Type-C mode
application, add a 1nF capacitor
on CC1
70
90
k
Ω
CC voltage to enable VCONN
VRa
0.75
V
CC voltage to enable VBUS
VRd
0.9
2.45
V
CC detach threshold
VOPEN
2.75
V
CC voltage falling debounce
timer
TCC_debounce
VBUS enable deglitch
100
144
200
ms
CC voltage rising debounce
timer
TPD_debounce
VBUS disable deglitch
10
15
20
ms
VCONN output power
PVCONN
VCONN comes from buck output
with some series resistance,
TJ = +25°C
1
W
POL output low voltage
VPOL
Pull CC1 to ground with 5.1k
Ω
resistor, POL sink 1mA
150
mV
POL leakage
ILeakage_POL
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com