Electronic Components Datasheet Search
  English  ▼

X  

MPQ4485 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ4485
Description  36V, 6A, Step-Down Converter with Dual USB Charging Ports Supporting Type-C 5V 3A DFP Mode and BC1.2 CDP Mode for Automotive, AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ4485 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ4485 Datasheet HTML 1Page - Monolithic Power Systems MPQ4485 Datasheet HTML 2Page - Monolithic Power Systems MPQ4485 Datasheet HTML 3Page - Monolithic Power Systems MPQ4485 Datasheet HTML 4Page - Monolithic Power Systems MPQ4485 Datasheet HTML 5Page - Monolithic Power Systems MPQ4485 Datasheet HTML 6Page - Monolithic Power Systems MPQ4485 Datasheet HTML 7Page - Monolithic Power Systems MPQ4485 Datasheet HTML 8Page - Monolithic Power Systems MPQ4485 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
MPQ4485
– STEP-DOWN CONVERTER WITH DUAL USB CHARGING PORTS
MPQ4485 Rev.1.0
www.MonolithicPower.com
5
9/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 5V, CC1 to ground with 5.1kΩ resistor, TJ = -40°C to +125°C (6), typical value is
tested at TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply current (shutdown)
IIN
VEN = 0V
13
18
μA
Supply current (quiescent)
IQ
No switching
1
mA
EN rising threshold
VEN_Rising
-3%
1.235
+3%
V
EN hysteresis
VEN_HYS
230
mV
EN pull-up current
IEN
4
8
12
μA
Thermal shutdown (7)
TSTD
165
C
Thermal hysteresis (7)
TSTD_HYS
20
C
VCC regulator
VCC
4.3
4.6
4.9
V
VCC load regulation
VCC_LOG
ICC = 50mA
1
3
%
Step-Down Converter
VIN under-voltage lockout
threshold rising
VIN_UVLO
4.6
5
5.4
V
VIN under-voltage lockout
threshold hysteresis
VUVLO_HYS
700
mV
HS switch on resistance
RDSON_HS
18
40
m
Ω
LS switch on resistance
RDSON_LS
15
30
m
Ω
Output voltage
VOUT
TJ = +25°C
-1%
5.17
+1%
V
TJ = -40°C to+125°C
-2%
5.17
+2%
Output over-voltage protection
VOVP_R
5.45
5.85
6.25
V
Output OVP recovery
VOVP_F
5.3
5.7
6.1
V
Output to ground resistance
RFB
TJ = +25°C
100
160
220
k
Ω
Low-side current limit
ILS_LIMIT
-2
A
Switch leakage
SWLKG
VEN = 0V, VSW = 36V or 0V,
TJ = +25°C
1
μA
VEN = 0V, VSW = 36V or 0V,
TJ = -40°C to +125°C
5
High-side current limit
ILIMIT
VOUT = 0V
8
12
16
A
Oscillator frequency
fSW
360
450
540
kHz
Maximum duty cycle
DMAX
FREQ = 450kHz
91
95
99
%
Minimum off time
TOFF_MIN
110
ns
Minimum on time (7)
TON_MIN
130
ns
Soft-start time
tSS
Output from 10% to 90%
1
2
3.4
ms
USB Switch
Under-voltage lockout
threshold rising
VUSB_UVR
3.7
4
4.3
V
Under-voltage lockout
threshold hysteresis
VUSB_UVHYS
200
mV
Switch on resistance
RDSON_SW
18
35
m
Ω
Output discharge resistance
RDIS_USB
USB disabled, apply 5V voltage
on USB output
250
500
750
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com